Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGN1C Datasheet (PDF) - Omron Electronics LLC

MGN1C Datasheet PDF - Omron Electronics LLC
Part # MGN1C
Download  MGN1C Download
File Size   332.98 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 30 Amp Heavy Duty Relay

MGN1C Datasheet (PDF)

Go To PDF Page Download Datasheet
MGN1C Datasheet PDF - Omron Electronics LLC

Part # MGN1C
Download  MGN1C Click to download

File Size   332.98 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 30 Amp Heavy Duty Relay

MGN1C Datasheet (HTML) - Omron Electronics LLC


MGN1C Product details

30 Amp Heavy Duty Relay

• Class F coil insulation system for 155°C (311°F)
• Coil molded in DuPont Rynite® for environmental protection
• Rugged construction rivets terminals to base
• CULUS Listed
• Short Circuit Current Rating (SCCR) of 5kA, 600VAC




Similar Part No. - MGN1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN1C OMRON-MGN1C Datasheet
414Kb / 6P
Heavy Duty Power Relay
More results


Similar Description - MGN1C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
Heavy Duty Power Relay
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
30 AMP HEAVY DUTY POWER RELAY
logo
OEN India Limited
33H OENINDIA-33H Datasheet
1Mb / 1P
HEAVY DUTY POWER RELAY
530-1A-06S0 OENINDIA-530-1A-06S0 Datasheet
98Kb / 3P
HEAVY DUTY RELAY
logo
Omron Electronics LLC
G6RN1ADC12G6S OMRON-G6RN1ADC12G6S Datasheet
393Kb / 6P
Heavy-duty Miniature Relay
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
HEAVY DUTY POWER RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
HEAVY-DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
HEAVY DUTY POWER RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com