Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1565359 Datasheet (PDF) - Tyco Electronics

1565359 Datasheet PDF - Tyco Electronics
Part # 1565359
Download  1565359 Download
File Size   69.89 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description ON TAPING 0.5MM PITCH FINE MATE CONN. TAB ASSEMBLY

1565359 Datasheet (PDF)

Go To PDF Page Download Datasheet
1565359 Datasheet PDF - Tyco Electronics

Part # 1565359
Download  1565359 Click to download

File Size   69.89 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description ON TAPING 0.5MM PITCH FINE MATE CONN. TAB ASSEMBLY

1565359 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1565359

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
156535 FESTO-156535 Datasheet
97Kb / 1P
Compact air cylinder
More results


Similar Description - 1565359

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177986-8 MACOM-5177986-8 Datasheet
168Kb / 1P
PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
1-5177986-1 MACOM-1-5177986-1 Datasheet
168Kb / 1P
PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
1-316739-4 MACOM-1-316739-4 Datasheet
44Kb / 1P
ON TAPING EMBOSS CAP ASSEMBLY H-TYPE 0.8MM PITCH BOARD TO BOARD CONNECTOR
2-5177986-5 MACOM-2-5177986-5 Datasheet
168Kb / 1P
PLUG ASSEMBLY (0.5 BOSS LENGTH) FOR FH 0.8 B-T-B CONN. ON TAPING
logo
Molex Electronics Ltd.
54363-0878 MOLEX5-54363-0878 Datasheet
376Kb / 4P
0.5mm PITCH B/B CONN.
logo
Tyco Electronics
1-179396-2 MACOM-1-179396-2 Datasheet
176Kb / 2P
ON TAPING EMBOSS PLUG ASSEMBLY
6-316289-0 MACOM-6-316289-0 Datasheet
475Kb / 3P
ON TAPING (EMBOSS) 0.5mm PITCH Fine Mate CONN.
2-5917408-2 MACOM-2-5917408-2 Datasheet
191Kb / 2P
ON TAPING EMBOSS 0.8mm PITCH 8-TO-8 CONN RECEPTACLE ASSEMBLY WITH KEY BOSS
logo
TE Connectivity Ltd
C-2291283 TEC-C-2291283 Datasheet
633Kb / 5P
0.5MM FPH BTB CONN. 30POS 4MM MATING HEIGHT
logo
Japan Aviation Electron...
IL-FPR-21S-HF-N1 JAE-IL-FPR-21S-HF-N1 Datasheet
118Kb / 1P
CONN FPC BOTTOM 21POS 0.5MM R/A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com