Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6469028 Datasheet (PDF) - Tyco Electronics

6469028 Datasheet PDF - Tyco Electronics
Part # 6469028
Download  6469028 Download
File Size   188.73 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RECEPTACLE ASSEMBLY, 2 PAIR, 25MM, HMZD

6469028 Datasheet (PDF)

Go To PDF Page Download Datasheet
6469028 Datasheet PDF - Tyco Electronics

Part # 6469028
Download  6469028 Click to download

File Size   188.73 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RECEPTACLE ASSEMBLY, 2 PAIR, 25MM, HMZD

6469028 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 6469028

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6469028-1 TEC-6469028-1 Datasheet
254Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 6469028

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1469025-1 MACOM-1469025-1 Datasheet
275Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL. 25mm, HMZd
logo
TE Connectivity Ltd
C-1469025 TEC-C-1469025 Datasheet
361Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL, 25mm, HMZd
C-1469028 TEC-C-1469028 Datasheet
251Kb / 1P
RECEPTACLE ASSEMBLY, 2 PAIR, 25mm, HMZd
C-1469074 TEC-C-1469074 Datasheet
427Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 1.8mm TAIL, 25mm, HMZd
C-1469077 TEC-C-1469077 Datasheet
311Kb / 1P
RECEPTACLE ASSEMBLY, 2 PAIR, 50mm, HMZd
C-1469334 TEC-C-1469334 Datasheet
379Kb / 1P
HEADER ASSEMBLY, 2 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm, HMZd
C-6469025 TEC-C-6469025 Datasheet
361Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL, 25mm, HMZd
C-6469074 TEC-C-6469074 Datasheet
426Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 1.8mm TAIL, 25mm, HMZd
C-6469076 TEC-C-6469076 Datasheet
358Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 1.8mm TAIL, 25mm, HMZd
C-6469081 TEC-C-6469081 Datasheet
297Kb / 1P
RECEPTACLE ASSEMBLY, 3 PAIR, 25mm, HMZd
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com