Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40-800B Datasheet (PDF) - STMicroelectronics

BTA40-800B Datasheet PDF - STMicroelectronics
Part # BTA40-800B
Download  BTA40-800B Download
File Size   106.92 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A standard TRIACs

BTA40-800B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA40-800B Datasheet PDF - STMicroelectronics

Part # BTA40-800B
Download  BTA40-800B Click to download

File Size   106.92 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A standard TRIACs

BTA40-800B Datasheet (HTML) - STMicroelectronics


BTA40-800B Product details

Description
Available in high power packages, the BTA/BTB40-41 series is suitable for general purpose AC switching.
The BTA series provides an insulated tab (rated at 2500 V rms).

Features
■ High current TRIAC
■ Low thermal resistance with clip bonding
■ High commutation capability
■ BTA series UL1557 certified (File ref: 81734)
■ Packages are RoHS (2002/95/EC) compliant

Applications
■ On/off function in static relays, heating regulation, induction motor starting circuits
■ Phase control operations in light dimmers, motor speed controllers, and similar




Similar Part No. - BTA40-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
95Kb / 7P
40A TRIACS
14-Oct-2005
logo
Kersemi Electronic Co.,...
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
40A TRIACS
logo
Inchange Semiconductor ...
BTA40-800B ISC-BTA40-800B Datasheet
216Kb / 2P
isc Triacs
More results


Similar Description - BTA40-800B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
40-A Silicon Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
Standard 1 A Triacs
02-May-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com