Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2937 Datasheet PDF - Texas Instruments
Part # LM2937
Download  LM2937 Download
File Size   1991.74 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions

LM2937 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2937 Datasheet PDF - Texas Instruments

Part # LM2937
Download  LM2937 Click to download

File Size   1991.74 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions

LM2937 Datasheet (HTML) - Texas Instruments




Similar Part No. - LM2937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
500 mA Low Dropout Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937 Datasheet
227Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
LM2937 TI-LM2937 Datasheet
1Mb / 30P
500-mA Low Dropout Regulator
More results


Similar Description - LM2937

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
Output Current in Excess of 0.5A, No External Components
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
Output Current in Excess of 1.5 Ampere
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
Output Current in Excess of 100mA
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
logo
Schneider Electric
METSECT5DA050 SCHNEIDER-METSECT5DA050 Datasheet
111Kb / 2P
current transformer tropicalised 500 5 double output for bars 32x65
May 21, 2020
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Rohm
BD800M5WFPJ-C ROHM-BD800M5WFPJ-C Datasheet
1Mb / 42P
For Automotive 500 mA Adjustable Output LDO Regulators
22.Mar.2021 Rev.003
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com