Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT555 Datasheet (PDF) - Diodes Incorporated

FMMT555 Datasheet PDF - Diodes Incorporated
Part # FMMT555
Download  FMMT555 Download
File Size   71.39 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT555 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT555 Datasheet PDF - Diodes Incorporated

Part # FMMT555
Download  FMMT555 Click to download

File Size   71.39 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT555 Datasheet (HTML) - Diodes Incorporated


FMMT555 Product details

Features
• BVCEO > -150V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• Complementary NPN Type: FMMT455
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT555 ZETEX-FMMT555 Datasheet
141Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 ZETEX-FMMT555 Datasheet
63Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT555 KEXIN-FMMT555 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
logo
Zetex Semiconductors
FMMT5550 ZETEX-FMMT5550 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
More results


Similar Description - FMMT555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT555 ZETEX-FMMT555_03 Datasheet
63Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMT591A DIODES-FMMT591A Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
agust 2008
FMMTL718 DIODES-FMMTL718 Datasheet
75Kb / 3P
SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
DECEMBER 1997
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551_15 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555_15 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com