Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3233 Datasheet (PDF) - GENESYS LOGIC

GL3233 Datasheet PDF - GENESYS LOGIC
Part # GL3233
Download  GL3233 Download
File Size   93.38 Kbytes
Page   6 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 3.0 Single-LUN Memory Card Reader Controller Product Overview

GL3233 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL3233 Datasheet PDF - GENESYS LOGIC

Part # GL3233
Download  GL3233 Click to download

File Size   93.38 Kbytes
Page   6 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 3.0 Single-LUN Memory Card Reader Controller Product Overview

GL3233 Datasheet (HTML) - GENESYS LOGIC


GL3233 Product details

GENERAL DESCRIPTION

GL3233 is a USB 3.0 Single-LUN card reader controller which can support various types of memory cards, such  as  CompactFlashTM  ,Secure  DigitalTM  (SD),  SDHC,  miniSD,  microSD  (T-Flash),  MultiMedia CardTM  (MMC), RS-MMC, MMCmicro, MMCmobile, Memory StickTM (MS), Memory Stick DuoTM (MS Duo), High Speed Memory StickTM (HS MS), Memory Stick PROTM (MS PRO), Memory Stick PROTM Duo (MS PRO Duo), Memory Stick PRO-HGTM (MS PRO-HG), MS PRO Micro and xD-Picture CardTM on one chip. It also supports SDXC and Memory Stick XC high density memory cards (capacity up to 2TB) and high speed SD3.0 UHS-I memory cards.



FEATURES

USB specification compliance

-  Comply with Universal Serial Bus 3.0 Specification rev. 1.0 (USB 3.0)

-  Comply with Universal Serial Bus Specification rev.2.0 (USB 2.0)

-  Comply with USB Mass Storage Class Specification rev. 1.0

-  Support USB Mass Storage Class Bulk-Only Transport (BOT)

-  Support 1 device address and up to 3 endpoints: Control (0) / Bulk Data Write Out (1) / Bulk Data Read In (2)

-  Support 5 Gbps/SuperSpeed, 480 Mbps/high-speed, and12 Mbps/full-speed transfer rates

Integrated USB building blocks

-  SuperSpeed/USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE) and embedded

Power-On Reset (POR)

Embedded high speed 8051 micro-controller

High efficiency hardware DMA engine improves data transfer performance between USB and flash card interfaces

Support CompactFlashTM v6.0 with PIO mode 6 / Ultra DMA mode 7 and LBA48 (Capacity up to

144PB)

Support Secure DigitalTM v1.0 / v1.1 / v2.0/ SDHC / SDXC (capacity up to 2TB)

Support Secure DigitalTM v3.0 UHS-I (Ultra High Speed): SDR12/SDR25/SDR50/DDR50/SDR104

Compliant with MultiMediaCardTM (MMC)

-  MMC specification v3.x / v4.0 / v4.1 / v4.2 / v4.3 / v4.4

-  x1 / x4 / x8 bit data bus Support  Memory  StickTM /  Memory  Stick  PRO  /  Memory  Stick  PRO  Duo  /  Memory Stick  Micro /Memory Stick PRO-HG / Memory Stick XC (capacity upto 2TB)

-  Compliant with Memory Stick Series Specification: MS v1.43, MS PRO v1.05, MS Micro v1.04

(MS HG Micro v1.00), MS PRO-HG Duo 1.03, MS XC Duo v1.00, MS XC-HG Duo v1.00, MS

XC Micro v1.00 and MS XC-HG Micro v1.00

-  Support Read/Write quad data access (512Bytex4) forMS PRO-HG to enhance the transmission

rate

Support xD-Picture CardTM v1.2C Type M/H

Support ISP (In System Programming) for firmware upgrade into the external SPI Flash via USB port

On-Chip power MOSFETs for supplying flash media card power

On-chip 5V to 3.3V and 3.3V to 1.2V regulator

Support U0/U1/U2/U3 power management mode

Pass the USB-IF Test Procedure for SuperSpeed product (TID: 340810011)

Pass WHCK (Windows Hardware Certification Kit) testfor Windows 8 (Submission ID: 1508144)

Pass WHQL (Windows Hardware Quality Lab) test for Windows 7 (Submission ID: 1497856)

Available in LQFP64 pin package (7x7mm) which can support one LUN: SD/MS/xD/CF

Available in LQFN46 pin package (6.5x4.5mm) which can support one LUN: SD/MS/xD

Available in LQFP48 pin package (7x7mm) which can support one LUN: SD/MS/xD




Similar Part No. - GL3233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL3210 ETC1-GL3210 Datasheet
27Kb / 2P
ULTRA-HIDE Aquacrylic GRIPPER Stain Killer Primer-Sealer
logo
GENESYS LOGIC
GL3220 GENESYS-GL3220 Datasheet
117Kb / 6P
USB 3.0 Multi-Slot Memory Card Reader Controller Product Overview
GL3220 GENESYS-GL3220 Datasheet
528Kb / 19P
USB 3.0 Multi-LUN Memory Card Reader Controller
Revision 1.31 Apr. 11, 2016
GL3220-MXGXX GENESYS-GL3220-MXGXX Datasheet
528Kb / 19P
USB 3.0 Multi-LUN Memory Card Reader Controller
Revision 1.31 Apr. 11, 2016
GL3220 GENESYS-GL3220_V01 Datasheet
528Kb / 19P
USB 3.0 Multi-LUN Memory Card Reader Controller
Revision 1.31 Apr. 11, 2016
More results


Similar Description - GL3233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
GENESYS LOGIC
GL3220 GENESYS-GL3220 Datasheet
117Kb / 6P
USB 3.0 Multi-Slot Memory Card Reader Controller Product Overview
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
logo
GENESYS LOGIC
GL3224 GENESYS-GL3224 Datasheet
691Kb / 25P
USB 3.0 Dual/Single LUN Memory Card Reader Controller
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com