Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82462G4 Datasheet (PDF) - EPCOS

B82462G4 Datasheet PDF - EPCOS
Part # B82462G4
Download  B82462G4 Download
File Size   542.54 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded

B82462G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82462G4 Datasheet PDF - EPCOS

Part # B82462G4
Download  B82462G4 Click to download

File Size   542.54 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded

B82462G4 Datasheet (HTML) - EPCOS


B82462G4 Product details

SMT–Power–Inductors

Size 6x6 mm
Rated inductance 0,82 mH .. 1000 mH

Construction
■ Ferrite core
■ Magnetically shielded
■ Winding: enamel copper wire
■ Winding welded to terminals

Features
■ Wide temperature range
■ High rated current
■ Low DC resistance
■ Suitable for reflow soldering

Applications
■ Filtering of supply voltages
■ Coupling, decoupling
■ DC/DC converters
■ Automotive electronics




Similar Part No. - B82462G4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82462G4102M EPCOS-B82462G4102M Datasheet
542Kb / 8P
SMT power inductors
B82462G4102M000 EPCOS-B82462G4102M000 Datasheet
164Kb / 8P
SMT power inductors
B82462G4102M000 EPCOS-B82462G4102M000 Datasheet
542Kb / 8P
SMT power inductors
B82462G4102M000 EPCOS-B82462G4102M000 Datasheet
542Kb / 8P
SMT power inductors
B82462G4102M000 EPCOS-B82462G4102M000 Datasheet
542Kb / 8P
SMT power inductors
More results


Similar Description - B82462G4

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318002 SCHURTER-00318002 Datasheet
395Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, THT
RSH SCHURTER-RSH Datasheet
403Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, Solder
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
logo
EPCOS
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
logo
Schurter Inc.
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com