Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M452 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-M452 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-M452
Download  HCPL-M452 Download
File Size   152.44 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers

HCPL-M452 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-M452 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M452
Download  HCPL-M452 Click to download

File Size   152.44 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers

HCPL-M452 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-M452 Product details

Description
These small outline high CMR, high speed, diode-transistor optocouplers are single channel devices in a five lead miniature footprint. They are electrically equivalent to the following Avago optocouplers:
The SO-5 JEDEC registered (MO-155) package outline does not require “through holes” in a PCB. This package occupies approximately one-fourth the footprint area of the standard dual-in-line package. The lead profile is designed to be com-patible with standard surface mount processes.

Features
• Surface mountable
• Very small, low profile JEDEC registered package outline
• Compatible with infrared vapor phase reflow and wave soldering processes
• Very high common mode transient immunity: 15000 V/μs at VCM = 1500 V guaranteed (HCPL-M453)
• High speed: 1 Mb/s
• TTL compatible
• Open collector output
• Worldwide Safety Approval:
    – UL1577 recognized, 3750Vrms/1min
    – CSA Approved
• Lead free option

Applications
• Line receivers: High common mode transient immunity (>1000 V/μs) and low input-output capaci tance (0.6 pF).
• High speed logic ground isolation: TTL/TTL, TTL/LTTL, TTL/CMOS, TTL/LSTTL
• Replace slow phototran sistor optocouplers
• Replace pulse transformers: save board space and weight
• Analog signal ground isolation: Integrated photon detector provides improved linearity over phototransistor type




Similar Part No. - HCPL-M452

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M452-000E AVAGO-HCPL-M452-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
More results


Similar Description - HCPL-M452

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com