Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX481EEPA Datasheet (PDF) - Maxim Integrated Products

MAX481EEPA Datasheet PDF - Maxim Integrated Products
Part # MAX481EEPA
Download  MAX481EEPA Download
File Size   686.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers

MAX481EEPA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX481EEPA Datasheet PDF - Maxim Integrated Products

Part # MAX481EEPA
Download  MAX481EEPA Click to download

File Size   686.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers

MAX481EEPA Datasheet (HTML) - Maxim Integrated Products


MAX481EEPA Product details

General Description

The MAX481E, MAX483E, MAX485E, MAX487E–MAX491E, and MAX1487E are low-power transceivers for RS-485 and RS-422 communications in harsh environments. Each driver output and receiver input is protected against ±15kV electro static discharge (ESD) shocks, without latchup. These parts contain one driver and one receiver. The MAX483E, MAX487E, MAX488E, and MAX489E feature reduced slew rate drivers that minimize EMI and reduce reflections caused by improperly terminated cables, thus allowing error-free data transmission up to 250kbps. The driver slew rates of the MAX481E, MAX485E, MAX490E, MAX491E, and MAX1487E are not limited, allowing them to transmit up to 2.5Mbps.



Features

♦ ESD Protection: ±15kV—Human Body Model

♦ Slew-Rate Limited for Error-Free Data

Transmission (MAX483E/487E/488E/489E)

♦ Low Quiescent Current:

120µA (MAX483E/487E/488E/489E)

230µA (MAX1487E)

300µA (MAX481E/485E/490E/491E)

♦ -7V to +12V Common-Mode Input Voltage Range

♦ Three-State Outputs

♦ 30ns Propagation Delays, 5ns Skew (MAX481E/485E/490E/491E/1487E)

♦ Full-Duplex and Half-Duplex Versions Available

♦ Allows up to 128 Transceivers on the Bus (MAX487E/MAX1487E)

♦ Current Limiting and Thermal Shutdown for Driver Overload Protection



Applications

Low-Power RS-485 Transceivers

Low-Power RS-422 Transceivers

Level Translators

Transceivers for EMI-Sensitive Applications

Industrial-Control Local Area Networks

 




Similar Part No. - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481EEPA MAXIM-MAX481EEPA Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481EEPA MAXIM-MAX481EEPA Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481EEPA MAXIM-MAX481EEPA Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results


Similar Description - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com