Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6709CUB Datasheet (PDF) - Maxim Integrated Products

MAX6709CUB Datasheet PDF - Maxim Integrated Products
Part # MAX6709CUB
Download  MAX6709CUB Download
File Size   318.7 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package

MAX6709CUB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6709CUB Datasheet PDF - Maxim Integrated Products

Part # MAX6709CUB
Download  MAX6709CUB Click to download

File Size   318.7 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package

MAX6709CUB Datasheet (HTML) - Maxim Integrated Products


MAX6709CUB Product details

General Description

The MAX6709/MAX6714 quad voltage monitors provide accurate monitoring of up to four supplies without any external components. A variety of factory-trimmed thresh old voltages and supply tolerances are available to optimize the MAX6709/MAX6714 for specific applications. The selection includes input options for monitoring 5.0V, 3.3V, 3.0V, 2.5V, and 1.8V voltages. Additional high-input impedance comparator options can be used as

adjustable voltage monitors, general-purpose comparators, or digital-level translators.



Features

♦ Monitor Four Power-Supply Voltages

♦ Precision Factory-Set Threshold Options for 5.0V,

3.3V, 3.0V, 2.5V, and 1.8V (Nominal) Supplies

♦ Adjustable Voltage Threshold Monitors Down to 0.62V

♦ High-Accuracy (±2.0%) Adjustable Threshold Inputs

♦ Low Supply Current

      MAX6709: 35µA

      MAX6714: 60µA

♦ Four Independent, Active-Low, Open-Drain

Outputs with 10µA Internal Pullup to VCC

♦ 140ms (min) Reset Timeout Period

(MAX6714 only)

♦ 2.0V to 5.5V Supply Voltage Range

♦ Immune to Supply Transients

♦ Fully Specified from -40°C to +85°C

♦ Small 10-Pin µMAX Package



Applications

Telecommunications

Servers

High-End Printers

Desktop and Notebook Computers

Data Storage Equipment

Networking Equipment

Multivoltage Systems




Similar Part No. - MAX6709CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709-MAX6714 MAXIM-MAX6709-MAX6714 Datasheet
287Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709UB MAXIM-MAX6709UB Datasheet
318Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
More results


Similar Description - MAX6709CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
Low voltage, high accuracy, triple/quad voltage microprocessor
15-May-2012
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com