Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD9002GHO Datasheet (PDF) - Microsemi Corporation

PD9002GHO Datasheet PDF - Microsemi Corporation
Part # PD9002GHO
Download  PD9002GHO Download
File Size   825.7 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant

PD9002GHO Datasheet (PDF)

Go To PDF Page Download Datasheet
PD9002GHO Datasheet PDF - Microsemi Corporation

Part # PD9002GHO
Download  PD9002GHO Click to download

File Size   825.7 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant

PD9002GHO Datasheet (HTML) - Microsemi Corporation




Similar Part No. - PD9002GHO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD90F120 ETC-PD90F120 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F160 ETC-PD90F160 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F40 ETC-PD90F40 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F80 ETC-PD90F80 Datasheet
121Kb / 2P
THYRISTOR MODULE
logo
SanRex Corporation
PD90FG120 SANREX-PD90FG120 Datasheet
106Kb / 2P
THYRISTOR MODULE
More results


Similar Description - PD9002GHO

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENB1035B SLPOWER-PENB1035B Datasheet
245Kb / 2P
Universal 56V, 35W (IEEE802.3at Compliant) PoE Gigabit
logo
Phihong USA Inc.
POE29U-1AT PHIHONG-POE29U-1AT Datasheet
232Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE29W-1AT PHIHONG-POE29W-1AT Datasheet
233Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE31X-1AT PHIHONG-POE31X-1AT Datasheet
234Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3at Compliant Power Injector
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9004G MICROSEMI-PD-9004G Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9004G MICROCHIP-PD-9004G Datasheet
464Kb / 2P
IEEE802.3at Compliant 30W 4-Port Midspan
5/21
logo
Microsemi Corporation
PD-9002GHO MICROSEMI-PD-9002GHO Datasheet
817Kb / 2P
Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com