Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F017L Datasheet (PDF) - Holtek Semiconductor Inc

HT66F017L Datasheet PDF - Holtek Semiconductor Inc
Part # HT66F017L
Download  HT66F017L Download
File Size   5545.83 Kbytes
Page   128 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 0.9V Battery Flash A/D Type 8-Bit MCU

HT66F017L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT66F017L Datasheet PDF - Holtek Semiconductor Inc

Part # HT66F017L
Download  HT66F017L Click to download

File Size   5545.83 Kbytes
Page   128 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 0.9V Battery Flash A/D Type 8-Bit MCU

HT66F017L Datasheet (HTML) - Holtek Semiconductor Inc


HT66F017L Product details

General Description
The devices are Flash Memory type 8-bit high performance RISC architecture microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Other memory includes an area of RAM Data Memory as well as an area of EEPROM memory for storage of non-volatile data such as serial numbers, calibration data etc.

Features
CPU Features
• Operating Voltage:
   ♦ fSYS= 4MHz: 2.0V~3.3V
   ♦ fSYS= 8MHz: 2.2V~3.3V
   ♦ fSYS= 12MHz: 2.7V~3.3V
• Power down and wake-up functions to reduce power consumption
• Three oscillators
   ♦ External crystal – HXT
   ♦ Internal RC – HIRC
   ♦ Internal 32kHz RC – LIRC
• Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
• Fully integrated internal 8MHz oscillator requires no external components
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• 8 subroutine nesting levels
• Bit manipulation instruction

Peripheral Features
• Flash Program Memory: up to 2K×16
• RAM Data Memory: up to 128×8
• EEPROM Memory: 64×8
• Watchdog Timer function
• Up to 13 bidirectional I/O lines
• Two external interrupt lines shared with I/O pins
• Multiple Timer Module for time measure, input capture, compare match output, PWM output or single pulse output functions
• Comparator function
• Dual Time-Base functions for generation of fixed time interrupt signals
• Low voltage reset function
• Low voltage detect function
• 4 channels 12-bit resolution A/D converter
• Package types: 16-pin NSOP




Similar Part No. - HT66F017L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F017 HOLTEK-HT66F017 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F0172 HOLTEK-HT66F0172 Datasheet
4Mb / 115P
Enhanced A/D Flash 8-Bit MCU
HT66F0174 HOLTEK-HT66F0174 Datasheet
4Mb / 115P
Enhanced A/D Flash 8-Bit MCU
HT66F0175 HOLTEK-HT66F0175 Datasheet
6Mb / 207P
A/D Flash MCU with EEPROM
December 06, 2016
HT66F0176 HOLTEK-HT66F0176 Datasheet
6Mb / 165P
A/D Flash MCU with EEPROM
August 28, 2017
More results


Similar Description - HT66F017L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT83F22 HOLTEK-HT83F22 Datasheet
2Mb / 158P
A/D Type Recorder 8-Bit Flash MCU
HT66F24D HOLTEK-HT66F24D Datasheet
4Mb / 177P
A/D Flash Type 8-bit MCU with EEPROM
July 26, 2012
HT66F24D HOLTEK-HT66F24D_13 Datasheet
4Mb / 175P
A/D Flash Type 8-bit MCU with EEPROM
March 25, 2013
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
A/D 8-Bit Flash MCU
December 17, 2015
HT66FB30 HOLTEK-HT66FB30_12 Datasheet
240Kb / 26P
Enhanced A/D Flash Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com