Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL127S Datasheet (PDF) - SPANSION

S25FL127S Datasheet PDF - SPANSION
Part # S25FL127S
Download  S25FL127S Download
File Size   5600.8 Kbytes
Page   131 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core

S25FL127S Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL127S Datasheet PDF - SPANSION

Part # S25FL127S
Download  S25FL127S Click to download

File Size   5600.8 Kbytes
Page   131 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core

S25FL127S Datasheet (HTML) - SPANSION


S25FL127S Product details

128 Mbit (16 Mbyte) MirrorBit® Flash Non-Volatile Memory CMOS 3.0 Volt Core

Serial Peripheral Interface with Multi-I/O



General Description

The Spansion S25FL127S device is a flash non-volatile memory product using:



■ MirrorBit technology - that stores two data bits in each memory array transistor

■ Eclipse architecture - that dramatically improves program and erase performance

■ 65 nm process lithography



This device connects to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single bit serial input and output (SIngle I/O or SIO) is supported as well as optional two bit (Dual I/O or DIO) and four bit (Quad I/O or QIO) serial commands. This multiple width interface is called SPI Multi-I/O or MIO.



Features

■ Density

   – 128 Mbits (16 Mbytes)

■ Serial Peripheral Interface (SPI)

   – SPI Clock polarity and phase modes 0 and 3

   – Extended Addressing: 24- or 32-bit address options

   – Serial Command set and footprint compatible with S25FL-A, S25FL-K, and S25FL-P SPI families

   – Multi I/O Command set and footprint compatible with S25FL-P SPI family

■ READ Commands

   – Normal, Fast, Dual, Quad

   – AutoBoot - power up or reset and execute a Normal or Quad read command automatically at a preselected address

   – Common Flash Interface (CFI) data for configuration information.

■ Programming (0.8 Mbytes/s)

   – 256- or 512-byte Page Programming buffer options

   – Quad-Input Page Programming (QPP) for slow clock systems

■ Erase (0.5 Mbytes/s)

   – Hybrid sector size option - physical set of sixteen 4-kbyte sectors at

top or bottom of address space with all remaining sectors of

64 kbytes

   – Uniform sector option - always erase 256-kbyte blocks for software compatibility with higher density and  future devices.

■ Cycling Endurance

   – 100,000 Program-Erase Cycles per sector minimum

■ Data Retention

   – 20 Year Data Retention typical

■ Security features

   – One Time Program (OTP) array of 1024 bytes

   – Block Protection:

      – Status Register bits to control protection against program or erase of a contiguous range of sectors.

      – Hardware and software control options

   – Advanced Sector Protection (ASP)

      – Individual sector protection controlled by boot code or password

■ Spansion® 65 nm MirrorBit Technology with Eclipse™ Architecture

■ Supply Voltage: 2.7V to 3.6V

■ Temperature Range:

   – Industrial (-40°C to +85°C)

   – Automotive In-Cabin (-40°C to +105°C)

■ Packages (all Pb-free)

   – 8-lead SOIC (208 mil)

   – 8-contact USON 6 x 5 mm

   – BGA-24 6 x 8 mm

   – 5 x 5 ball (FAB024) and 4 x 6 ball (FAC024) footprint options

   – Known Good Die and Known Tested Die



 




Similar Part No. - S25FL127S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Infineon Technologies A...
S25FL127S INFINEON-S25FL127S Datasheet
2Mb / 142P
128 Mbit (16 Mbyte) 3.0V SPI Flash Memory
Revised March 24, 2017
S25FL127SABMFI100 INFINEON-S25FL127SABMFI100 Datasheet
2Mb / 142P
128 Mbit (16 Mbyte) 3.0V SPI Flash Memory
Revised March 24, 2017
More results


Similar Description - S25FL127S

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com