Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6618TR1PBF Datasheet (PDF) - International Rectifier

IRF6618TR1PBF Datasheet PDF - International Rectifier
Part # IRF6618TR1PBF
Download  IRF6618TR1PBF Download
File Size   250.25 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Lead-Free (Qualified up to 260째C Reflow)

IRF6618TR1PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6618TR1PBF Datasheet PDF - International Rectifier

Part # IRF6618TR1PBF
Download  IRF6618TR1PBF Click to download

File Size   250.25 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Lead-Free (Qualified up to 260째C Reflow)

IRF6618TR1PBF Datasheet (HTML) - International Rectifier


IRF6618TR1PBF Product details

Description
The IRF6618PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques. Application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.

• RoHs Compliant 
• Lead-Free (Qualified up to 260°C Reflow)
• Application Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• High Cdv/dt Immunity
• Low Profile (<0.7mm)
• Dual Sided Cooling Compatible 
• Compatible with existing Surface Mount Techniques




Similar Part No. - IRF6618TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6618TR1 IRF-IRF6618TR1 Datasheet
230Kb / 10P
Power MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
234Kb / 9P
HEXFET Power MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
180Kb / 8P
HEXFETPower MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
170Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRF6618TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6617PBF IRF-IRF6617PBF Datasheet
244Kb / 9P
Lead-Free (Qualified up to 260째C Reflow)
IRF6631TR1PBF IRF-IRF6631TR1PBF Datasheet
253Kb / 10P
Lead-Free (Qualified up to 260째C Reflow)
logo
P-tec Corporation
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020B-YDPW2 P-TEC-PLC3020B-YDPW2 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3528B-WDY05 P-TEC-PLC3528B-WDY05 Datasheet
780Kb / 15P
Compatible lead-free reflow solderingprocess
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
Compatible lead-free reflow solderingprocess
logo
Panasonic Semiconductor
EEEFP0J220AR PANASONIC-EEEFP0J220AR_V01 Datasheet
2Mb / 11P
High temperature Lead-Free reflow
06-Dec-19
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com