Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1050-33CT Datasheet (PDF) - International Rectifier

IRU1050-33CT Datasheet PDF - International Rectifier
Part # IRU1050-33CT
Download  IRU1050-33CT Download
File Size   58.97 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR

IRU1050-33CT Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1050-33CT Datasheet PDF - International Rectifier

Part # IRU1050-33CT
Download  IRU1050-33CT Click to download

File Size   58.97 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR

IRU1050-33CT Datasheet (HTML) - International Rectifier


IRU1050-33CT Product details

DESCRIPTION
The IRU1050-33 is a low dropout three-terminal fixed 3.3V output regulator with minimum of 5A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications requiring 3.3V output. The IRU1050-33 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated output with supply voltage as low as 4.6V input.

FEATURES
■ Guaranteed < 1.3V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-In Thermal Shutdown

APPLICATIONS
■ Standard 3.3V Chip Set and Logic Applications




Similar Part No. - IRU1050-33CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Similar Description - IRU1050-33CT

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com