Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR74-6R8-R Datasheet (PDF) - Cooper Bussmann, Inc.

DR74-6R8-R Datasheet PDF - Cooper Bussmann, Inc.
Part # DR74-6R8-R
Download  DR74-6R8-R Download
File Size   304.83 Kbytes
Page   7 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description High Power Density, High Efficiency, Shielded Inductors

DR74-6R8-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DR74-6R8-R Datasheet PDF - Cooper Bussmann, Inc.

Part # DR74-6R8-R
Download  DR74-6R8-R Click to download

File Size   304.83 Kbytes
Page   7 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description High Power Density, High Efficiency, Shielded Inductors

DR74-6R8-R Datasheet (HTML) - Cooper Bussmann, Inc.


DR74-6R8-R Product details

Description
•125°C maximum total operating temperature
•Four sizes of shielded drum core inductors
•Inductance range from 0.33µH to 1000µH
•Current range up to 56 amps peak
•Magnetic shielding
•Secure mounting
•Ferrite core material

Applications
•Computer, DVD players, and portable power devices
•LCD panels
•DC-DC converters
•Buck, boost, forward, and resonant converters
•Noise filtering and filter chokes




Similar Part No. - DR74-6R8-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR74-6R8-R ETC2-DR74-6R8-R Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR74-6R8-R ETC2-DR74-6R8-R Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR74-6R8-R EATON-DR74-6R8-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
More results


Similar Description - DR74-6R8-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com