Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-50170 Datasheet (PDF) - Micrel Semiconductor

SI-50170 Datasheet PDF - Micrel Semiconductor
Part # SI-50170
Download  SI-50170 Download
File Size   678.29 Kbytes
Page   54 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 10Base-T/100Base-TX Physical Layer Transceiver

SI-50170 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-50170 Datasheet PDF - Micrel Semiconductor

Part # SI-50170
Download  SI-50170 Click to download

File Size   678.29 Kbytes
Page   54 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 10Base-T/100Base-TX Physical Layer Transceiver

SI-50170 Datasheet (HTML) - Micrel Semiconductor


SI-50170 Product details

General Description

The KSZ8041NL is a single supply 10Base-T/100Base-TX Physical Layer Transceiver, which provides MII/RMII interfaces to transmit and receive data. A unique mixed signal design extends signaling distance while reducing power consumption.

HP Auto MDI/MDI-X provides the most robust solution for eliminating the need to differentiate between crossover and straight-through cables.

The KSZ8041NL represents a new level of features and performance and is an ideal choice of physical layer transceiver for 10Base-T/100Base-TX applications.

The KSZ8041RNL is an enhanced RMII version of the KSZ8041NL that does not require a 50MHz system clock. It uses a 25MHz crystal for its input reference clock and outputs a 50MHz RMII reference clock to the MAC. The KSZ8041NL and KSZ8041RNL are available in 32-pin, lead-free MLF® (QFN per JDEC) packages (See Ordering Information).



Features

• Single-chip 10Base-T/100Base-TX physical layer solution

• Fully compliant to IEEE 802.3u Standard

• Low power CMOS design, power consumption of <180mW

• HP auto MDI/MDI-X for reliable detection and correction for straight-through and crossover cables with disable and enable option

• Robust operation over standard cables

• Power down and power saving modes

• MII interface support (KSZ8041NL only)

• RMII interface support with external 50MHz system clock (KSZ8041NL only)

• RMII interface support with 25MHz crystal/clock input and 50MHz reference clock output to MAC(KSZ8041RNL only)

• MIIM (MDC/MDIO) management bus to 6.25MHz for rapid PHY register configuration

• Interrupt pin option

• Programmable LED outputs for link, activity and speed

• ESD rating (6kV)

• Single power supply (3.3V)

• Built-in 1.8V regulator for core

• Available in 32-pin (5mm x 5mm) MLF® package



Applications

•Printer

•LOM

•Game Console

•IPTV

•IP Phone

•IP Set-top Box




Similar Part No. - SI-50170

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-50170-F BEL-SI-50170-F Datasheet
335Kb / 4P
SI-50170-F
More results


Similar Description - SI-50170

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com