Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576BU Datasheet (PDF) - Micrel Semiconductor

LM2576BU Datasheet PDF - Micrel Semiconductor
Part # LM2576BU
Download  LM2576BU Download
File Size   58.76 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 52kHz Simple 3A Buck Regulator

LM2576BU Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576BU Datasheet PDF - Micrel Semiconductor

Part # LM2576BU
Download  LM2576BU Click to download

File Size   58.76 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 52kHz Simple 3A Buck Regulator

LM2576BU Datasheet (HTML) - Micrel Semiconductor


LM2576BU Product details

General Description

The LM2576 series of monolithic integrated circuits provide all the active functions for a step-down (buck) switching regulator. Fixed versions are available with a 3.3V, 5V, or 12V fixed output. Adjustable versions have an output voltage range from 1.23V to 37V. Both versions are capable of driving a 3A load with excellent line and load regulation.



Features

• 3.3V, 5V, 12V, and adjustable output versions

• Voltage over specified line and load conditions:

  Fixed version: ±3% max. output voltage

  Adjustable version: ±2% max. feedback voltage

• Guaranteed 3A output current

• Wide input voltage range: 4V to 40V

• Wide output voltage range 1.23V to 37V

• Requires only 4 external components

• 52kHz fixed frequency internal oscillator

• Low power standby mode IQ typically < 200µA

• 80% efficiency (adjustable version typically > 80%)

• Uses readily available standard inductors

• Thermal shutdown and current limit protection

• 100% electrical thermal limit burn-in



Applications

• Simple high-efficiency step-down (buck) regulator

• Efficient pre-regulator for linear regulators

• On-card switching regulators

• Positive to negative converter (inverting Buck-Boost)

• Isolated Flyback Converter using minimum number of external components

• Negative Boost Converter




Similar Part No. - LM2576BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576BU MICREL-LM2576BU Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
LM2576BU MICREL-LM2576BU Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
LM2576BU MICREL-LM2576BU Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
More results


Similar Description - LM2576BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com