Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8453QT Datasheet (PDF) - Freescale Semiconductor, Inc

MMA8453QT Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA8453QT
Download  MMA8453QT Download
File Size   1215.88 Kbytes
Page   47 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage

MMA8453QT Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA8453QT Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA8453QT
Download  MMA8453QT Click to download

File Size   1215.88 Kbytes
Page   47 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage

MMA8453QT Datasheet (HTML) - Freescale Semiconductor, Inc


MMA8453QT Product details

Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer



The MMA8453Q is a smart, low-power, three-axis, capacitive, micromachined accelerometer with 10 bits of resolution. This accelerometer is packed with embedded functions with flexible user programmable options, configurable to two interrupt pins. Embedded interrupt functions allow for overall power savings relieving the host processor from continuously polling data. 



Features

• 1.95V to 3.6V supply voltage

• 1.6V to 3.6V interface voltage

• ±2g/±4g/±8g dynamically selectable full-scale

• Output Data Rates (ODR) from 1.56 Hz to 800 Hz

• 99 μg/√Hz noise

• 10-bit and 8-bit digital output

•I2Cdigital output interface (operates to 2.25 MHz with 4.7 kΩpullup)

• Two programmable interrupt pins for six interrupt sources

• Three embedded channels of motion detection

– Freefall or Motion Detection: 1 channel

– Pulse Detection: 1 channel

– Jolt Detection: 1 channel

• Orientation (Portrait/Landscape)detection with set hysteresis

• Automatic ODR change for Auto-WAKE and return to SLEEP

•Self-Test

• RoHS compliant

• Current Consumption: 6 μA to 165 μA



Typical Applications

• E-Compass applications

• Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/

Front position identification)

• Notebook, e-reader, and Laptop Tumble and Freefall Detection

• Real-time orientation detection (virtual reality and gaming 3D user position feedback)

• Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)

• Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cellphone, PDA, GPS, gaming)

• Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)

• User interface (menu scrolling by orientation change, tap detection for button replacement)

 




Similar Part No. - MMA8453QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
More results


Similar Description - MMA8453QT

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
Single supply voltage 2.7~3.6V
F25L04PA ESMT-F25L04PA Datasheet
341Kb / 34P
Single supply voltage 2.3~3.6V
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
Single supply voltage 2.65~3.6V
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
Voltage Supply: 2.6V ~ 3.6V
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
Voltage Supply: 3.3V (2.7V ~ 3.6V)
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
MAX31342SHLD MAXIM-MAX31342SHLD Datasheet
872Kb / 10P
1.6V to 3.6V Single-Supply Operation
319-100305; Rev 1; 4/19
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com