Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3041NSE1NNB Datasheet (PDF) - Freescale Semiconductor, Inc

P3041NSE1NNB Datasheet PDF - Freescale Semiconductor, Inc
Part # P3041NSE1NNB
Download  P3041NSE1NNB Download
File Size   774.03 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated access routers, Enterprise switching, Security gateways

P3041NSE1NNB Datasheet (PDF)

Go To PDF Page Download Datasheet
P3041NSE1NNB Datasheet PDF - Freescale Semiconductor, Inc

Part # P3041NSE1NNB
Download  P3041NSE1NNB Click to download

File Size   774.03 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated access routers, Enterprise switching, Security gateways

P3041NSE1NNB Datasheet (HTML) - Freescale Semiconductor, Inc


P3041NSE1NNB Product details

The P3041 QorIQ integrated processor utilizes four processor cores built on Power Architecture® technology. The cores include high-performance data path acceleration logic and network and peripheral bus interfaces required for networking, telecom/datacom, wireless infrastructure, and aerospace applications.
This chip can be used for combined control, data path, and application layer processing in routers, switches, base station controllers, and general-purpose embedded computing. Its high level of integration offers significant performance benefits compared to multiple discrete devices while also greatly simplifying board design.

The chip includes the following functions and features:

• Four e500mc Power Architecture cores, each with a
   backside 128 KB L2 cache with ECC
   – Three levels of instructions: User, supervisor, and hypervisor
   – Independent boot and reset
   – Secure boot capability
• CoreNet fabric supporting coherent and non-coherent
   transactions amongst CoreNet end-points
• CoreNet platform cache with ECC
• CoreNet bridges between the CoreNet fabric the I/Os,
   datapath accelerators, and high and low speed peripheral
   interfaces
• One 10-Gigabit Ethernet (XAUI) controller
• Five 1-Gigabit Ethernet controllers
   – SGMII interfaces
   — 2.5 Gbps SGMII interfaces
   – RGMII interfaces
• One 64-bit DDR3 SDRAM memory controller with ECC
• Multicore programmable interrupt controller
• Four I2C controllers
• Four 2-pin UARTs or two 4-pin UARTs
• Two 4-channel DMA engines
• Enhanced local bus controller (eLBC)
• Four PCI Express 2.0 controllers/ports
• Two serial RapidIO® controllers/ports (sRIO port)
   supporting version 1.3 with features from 2.1
• Two serial ATA (SATA 2.0) controllers
• Enhanced secure digital host controller (SD/MMC)
• Enhanced serial peripheral interfaces (eSPI)
• 2× high-speed USB 2.0 controllers with integrated PHYs




Similar Part No. - P3041NSE1NNB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results


Similar Description - P3041NSE1NNB

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
MSP4000 PMC-MSP4000 Datasheet
43Kb / 2P
MSP for VoIP Gateways with Integrated Secure Router
MSP2006 PMC-MSP2006 Datasheet
37Kb / 2P
MSP for Wireless Routers and Access Points
logo
Freescale Semiconductor...
P1020-WLAN FREESCALE-P1020-WLAN Datasheet
379Kb / 3P
P1020EWLAN Enterprise IEEE짰 802.11N Access Point/Wireless Router
P1014NSN5DFA FREESCALE-P1014NSN5DFA Datasheet
209Kb / 2P
Wireless LAN access points, SOHO/SMB routers
logo
List of Unclassifed Man...
UP-2010 ETC2-UP-2010 Datasheet
685Kb / 4P
Enterprise Network Security Appliance with High-density Ports and PoE
logo
Red Lion Controls. Inc
ESERV-M12T REDLION-ESERV-M12T Datasheet
1Mb / 4P
Modbus Gateways Server
logo
Taoglas antenna solutio...
TG100113 TAOGLAS-TG100113 Datasheet
4Mb / 30P
Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
logo
Silicon Laboratories
SI3218X SILABS-SI3218X Datasheet
116Kb / 2P
VoIP Gateways and Routers
logo
Taoglas antenna solutio...
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
logo
silex technology americ...
SX-59HLS SILEX-SX-59HLS Datasheet
6Mb / 2P
Wireless 802.11n System on Module with Enterprise Security for IoT Applications
REV A. 20190424
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com