Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT597 Datasheet (PDF) - Diodes Incorporated

FMMT597 Datasheet PDF - Diodes Incorporated
Part # FMMT597
Download  FMMT597 Download
File Size   114.11 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FMMT597 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT597 Datasheet PDF - Diodes Incorporated

Part # FMMT597
Download  FMMT597 Click to download

File Size   114.11 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FMMT597 Datasheet (HTML) - Diodes Incorporated


FMMT597 Product details

Features
• BVCEO > -300V
• IC = -0.2A Continuous Collector Current
• ICM = -1A Peak Pulse Current
• Complementary NPN Type: FMMT497
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT597

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT597 ZETEX-FMMT597 Datasheet
114Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT597 KEXIN-FMMT597 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Diodes Incorporated
FMMT597 DIODES-FMMT597 Datasheet
114Kb / 2P
SOT23 PNP SILICON PLANAR
OCTOBER 1995
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - FMMT597

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
60Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com