Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT705TA Datasheet (PDF) - Diodes Incorporated

FZT705TA Datasheet PDF - Diodes Incorporated
Part # FZT705TA
Download  FZT705TA Download
File Size   66.84 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR

FZT705TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT705TA Datasheet PDF - Diodes Incorporated

Part # FZT705TA
Download  FZT705TA Click to download

File Size   66.84 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR

FZT705TA Datasheet (HTML) - Diodes Incorporated


FZT705TA Product details

Features
• BVCEO > -120V
• BVCBO > -140V
• IC = 2A High Continuous Current
• hFE > 2k for High Gain @ 2A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate Data Sheet (FZT705Q)

Applications
• Lamp
• Relay
• Solenoid Driving




Similar Part No. - FZT705TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZT705TC ETC2-FZT705TC Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Similar Description - FZT705TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT704 ZETEX-FZT704 Datasheet
71Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT549 DIODES-FZT549 Datasheet
52Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1995
FZT600 DIODES-FZT600 Datasheet
112Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FEBRUARY 1997
FZT603 DIODES-FZT603 Datasheet
134Kb / 3P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
NOVEMBER 1995
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ISSUE 2 - OCTOBER 1995
FZT749 DIODES-FZT749 Datasheet
99Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 4 - NOVEMBER 1995
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
FZT704 DIODES-FZT704 Datasheet
72Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
SEPTEMBER 1995
logo
List of Unclassifed Man...
FZT705TC ETC2-FZT705TC Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com