Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA2N Datasheet (PDF) - Rohm

UMA2N Datasheet PDF - Rohm
Part # UMA2N
Download  UMA2N Download
File Size   444.64 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Built-In Biasing Resistors, R1 = R2 = 47kW.

UMA2N Datasheet (PDF)

Go To PDF Page Download Datasheet
UMA2N Datasheet PDF - Rohm

Part # UMA2N
Download  UMA2N Click to download

File Size   444.64 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Built-In Biasing Resistors, R1 = R2 = 47kW.

UMA2N Datasheet (HTML) - Rohm


UMA2N Product details

Features
1) Two DTA144E transistors in a EMT or UMT or SMT package.
2) Mounting cost and area can be cut in half.




Similar Part No. - UMA2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMA2N ROHM-UMA2N Datasheet
1Mb / 9P
Emitter common Dual digital transistors
More results


Similar Description - UMA2N

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
Digital transistor (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
Built-In Biasing Resistors, R1 = R2 = 22k??
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
Built-In Biasing Resistors, R1 = R2 = 4.7kW.
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
Built-in Resistors Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com