Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF275G Datasheet (PDF) - Motorola, Inc

MRF275G Datasheet PDF - Motorola, Inc
Part # MRF275G
Download  MRF275G Download
File Size   226.31 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET

MRF275G Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF275G Datasheet PDF - Motorola, Inc

Part # MRF275G
Download  MRF275G Click to download

File Size   226.31 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET

MRF275G Datasheet (HTML) - Motorola, Inc


MRF275G Product details

The RF MOSFET Line

Power Field-Effect Transistor N–Channel Enhancement–Mode



Designed primarily for wideband large–signal output and driver stages from 100 – 500 MHz.

• Guaranteed Performance @ 500 MHz, 28 Vdc

  Output Power — 150 Watts

  Power Gain — 10 dB (Min)

  Efficiency — 50% (Min)

  100% Tested for Load Mismatch at all Phase Angles with VSWR 30:1

• Overall Lower Capacitance @ 28 V

  Ciss— 135 pF

  Coss— 140 pF

  Crss— 17 pF

• Simplified AVC, ALC and Modulation

Typical data for power amplifiers in industrial and commercial applications:

• Typical Performance @ 400 MHz, 28 Vdc

  Output Power — 150 Watts

  Power Gain — 12.5 dB

  Efficiency — 60%

• Typical Performance @ 225 MHz, 28 Vdc

  Output Power — 200 Watts

  Power Gain — 15 dB

  Efficiency — 65%



 




Similar Part No. - MRF275G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF275G MACOM-MRF275G Datasheet
262Kb / 16P
N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_15 Datasheet
639Kb / 19P
The RF MOSFET Line
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
More results


Similar Description - MRF275G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
N.CHANNEL MOS BROADBAND RF POWER FET
MRF275G MACOM-MRF275G Datasheet
262Kb / 16P
N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
UF28150J MACOM-UF28150J Datasheet
171Kb / 3P
POWER MOSFET TRANSISTOR 150 WATTS, 100 - 500 MHz, 28 V
logo
Infineon Technologies A...
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTF041501E INFINEON-PTF041501E Datasheet
245Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
logo
New Jersey Semi-Conduct...
MRF525 NJSEMI-MRF525 Datasheet
123Kb / 2P
100-500 MHz BROADBAND
logo
Microchip Technology
ARF476FL MICROCHIP-ARF476FL Datasheet
457Kb / 14P
500 V, 900 W, 128 MHz RF Power MOSFET
A 12/2021
logo
STMicroelectronics
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
04-Oct-2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com