Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD633JRZ Datasheet (PDF) - Analog Devices

AD633JRZ Datasheet PDF - Analog Devices
Part # AD633JRZ
Download  AD633JRZ Download
File Size   610.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Analog Multiplier

AD633JRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD633JRZ Datasheet PDF - Analog Devices

Part # AD633JRZ
Download  AD633JRZ Click to download

File Size   610.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Analog Multiplier

AD633JRZ Datasheet (HTML) - Analog Devices


AD633JRZ Product details

GENERAL DESCRIPTION

The AD633 is a functionally complete, four-quadrant, analog multiplier. It includes high impedance, differential X and Y inputs, and a high impedance summing input (Z). The low impedance output voltage is a nominal 10 V full scale provided by a buried Zener. The AD633 is the first product to offer these features in modestly priced 8-lead PDIP and SOIC packages.



FEATURES

4-quadrant multiplication

Low cost, 8-lead SOIC and PDIP packages

Complete—no external components required

Laser-trimmed accuracy and stability

Total error within 2% of full scale

Differential high impedance X and Y inputs

High impedance unity-gain summing input

Laser-trimmed 10 V scaling reference



APPLICATIONS

Multiplication, division, squaring

Modulation/demodulation, phase detection

Voltage-controlled amplifiers/attenuators/filters




Similar Part No. - AD633JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633JRZ AD-AD633JRZ Datasheet
1Mb / 20P
Low Cost Analog Multiplier
Rev. K
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
1Mb / 20P
Low Cost Analog Multiplier
Rev. K
More results


Similar Description - AD633JRZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
ANALOG MULTIPLIER
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
Low Cost Analog Multiplier
REV.B
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
Analog Multiplier
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
Low Cost Frequency Multiplier
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com