Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JQ Datasheet (PDF) - Analog Devices

AD637JQ Datasheet PDF - Analog Devices
Part # AD637JQ
Download  AD637JQ Download
File Size   613.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Wideband RMS-to-DC Converter

AD637JQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD637JQ Datasheet PDF - Analog Devices

Part # AD637JQ
Download  AD637JQ Click to download

File Size   613.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Wideband RMS-to-DC Converter

AD637JQ Datasheet (HTML) - Analog Devices


AD637JQ Product details

GENERAL DESCRIPTION
The AD637 is a complete, high accuracy, rms-to-dc converter that computes the true rms value of any complex waveform. It offers performance that is unprecedented in integrated circuit rms-to-dc converters and comparable to discrete and modular techniques in accuracy, bandwidth, and dynamic range. The AD637 computes the true root mean square, mean square, or absolute value of any complex ac (or ac plus dc) input waveform and gives an equivalent dc output voltage. The true rms value of a waveform is more useful than an average rectified signal because it relates directly to the power of the signal. The rms value of a statistical signal relates to the standard deviation of the signal.

FEATURES
   High accuracy
      0.02% maximum nonlinearity, 0 V to 2 V rms input
      0.1% additional error to crest factor of 3
   Wide bandwidth
      8 MHz at 2 V rms input
      600 kHz at 100 mV rms
   Computes
      True rms
      Square
      Mean square
      Absolute value
   dB output (60 dB range)
   Chip select/power-down feature allows
      Analog three-state operation
      Quiescent current reduction from 2.2 mA to 350 µA




Similar Part No. - AD637JQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637JQ AD-AD637JQ Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
AD637JQ AD-AD637JQ Datasheet
694Kb / 25P
High Precision, Wideband RMS-to-DC Converter
Rev. L
More results


Similar Description - AD637JQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
Precision Micropower, SIGMA RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
logo
Linear Integrated Syste...
LTC1967 LINEAR-LTC1967 Datasheet
323Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
logo
Linear Technology
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
Precision Micropower RMS-to-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com