Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8369EVAL Datasheet (PDF) - Analog Devices

AD8369EVAL Datasheet PDF - Analog Devices
Part # AD8369EVAL
Download  AD8369EVAL Download
File Size   809.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45 dB Digitally Controlled VGA LF to 600 MHz

AD8369EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8369EVAL Datasheet PDF - Analog Devices

Part # AD8369EVAL
Download  AD8369EVAL Click to download

File Size   809.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45 dB Digitally Controlled VGA LF to 600 MHz

AD8369EVAL Datasheet (HTML) - Analog Devices


AD8369EVAL Product details

PRODUCT DESCRIPTION
The AD8369 is a high performance digitally controlled variable gain amplifier (VGA) for use from low frequencies to a –3 dB frequency of 600 MHz at all gain codes. The AD8369 delivers excellent distortion performance: the two-tone, third-order intermodulation distortion is –69 dBc at 70 MHz for a 1 V p-p composite output into a 1 kW load. The AD8369 has a nominal noise figure of 7 dB when at maximum gain, then increases with decreasing gain. Output IP3 is +19.5 dBm at 70 MHz into a 1 kW load and remains fairly constant over the gain range.

FEATURES
   Digitally Controlled Variable Gain in 3 dB Steps
      –5 dB to +40 dB (RL = 1 kΩ)
      –10 dB to +35 dB (RL = 200 Ω)
   Less than 0.2 dB Flatness over a ±20 MHz Bandwidth
      up to 380 MHz
   4-Bit Parallel or 3-Wire Serial Interface
   Differential 200 Ω Input and Output Impedance
   Single 3.0 V–5.5 V Supply
      Draws 37 mA at 5 V
   Power-Down <1 mA Maximum

APPLICATIONS
   Cellular/PCS Base Stations
   IF Sampling Receivers
   Fixed Wireless Access
   Wireline Modems
   Instrumentation




Similar Part No. - AD8369EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV.0
AD8369 AD-AD8369 Datasheet
856Kb / 24P
45 dB Digitally Controlled VGA
AD8369-EVALZ AD-AD8369-EVALZ Datasheet
856Kb / 24P
45 dB Digitally Controlled VGA
AD8369ARU AD-AD8369ARU Datasheet
968Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV.0
AD8369ARU-REEL7 AD-AD8369ARU-REEL7 Datasheet
968Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV.0
More results


Similar Description - AD8369EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV.0
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
LF to 750 MHz Digitally Controlled VGA
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
7/05-Rev. 0 to Rev. A
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
45 dB Digitally Controlled VGA
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com