Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148-TP Datasheet (PDF) - Micro Commercial Components

MMBD4148-TP Datasheet PDF - Micro Commercial Components
Part # MMBD4148-TP
Download  MMBD4148-TP Download
File Size   198.68 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100 Volt Silicon Epitaxial Diode

MMBD4148-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4148-TP Datasheet PDF - Micro Commercial Components

Part # MMBD4148-TP
Download  MMBD4148-TP Click to download

File Size   198.68 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100 Volt Silicon Epitaxial Diode

MMBD4148-TP Datasheet (HTML) - Micro Commercial Components


MMBD4148-TP Product details

Features
• Low Current Leakage
• Halogen free available upon request by adding suffix "-HF
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - MMBD4148-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MMBD4148-T1 WTE-MMBD4148-T1 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
MMBD4148-T1 WTE-MMBD4148-T1 Datasheet
55Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
MMBD4148-T1 WTE-MMBD4148-T1 Datasheet
95Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
October, 2018
MMBD4148-T3 WTE-MMBD4148-T3 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - MMBD4148-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
78Kb / 3P
500mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148 Datasheet
88Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914 Datasheet
80Kb / 2P
350mW 100 Volt Silicon Epitaxial Diode
logo
Shanghai Lunsure Electr...
MMBD914 CHENYI-MMBD914 Datasheet
49Kb / 2P
350mW 100volts silicon epitaxial diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_11 Datasheet
172Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_11 Datasheet
162Kb / 4P
350mW 100 Volt Silicon Epitaxial Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
500mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914_13 Datasheet
200Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_13 Datasheet
198Kb / 4P
350mW 100 Volt Silicon Epitaxial Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com