Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8208WBRZ-R7 Datasheet (PDF) - Analog Devices

AD8208WBRZ-R7 Datasheet PDF - Analog Devices
Part # AD8208WBRZ-R7
Download  AD8208WBRZ-R7 Download
File Size   335.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Precision Difference Amplifier

AD8208WBRZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8208WBRZ-R7 Datasheet PDF - Analog Devices

Part # AD8208WBRZ-R7
Download  AD8208WBRZ-R7 Click to download

File Size   335.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Precision Difference Amplifier

AD8208WBRZ-R7 Datasheet (HTML) - Analog Devices


AD8208WBRZ-R7 Product details

GENERAL DESCRIPTION
The AD8208 is a single-supply difference amplifier ideal for amplifying and low-pass filtering small differential voltages in the presence of a large common-mode voltage. The input commonmode voltage range extends from −2 V to +45 V at a single +5 V supply. The AD8208 is qualified for automotive applications. The amplifier offers enhanced input overvoltage and ESD protection, and includes EMI filtering.
   
FEATURES
    Qualified for automotive applications
    EMI filters included
    High common-mode voltage range
        −2 V to +45 V operating
        −24 V to +80 V survival
    Buffered output voltage
    Gain = 20 V/V
    Low-pass filter (1-pole or 2-pole)
    Wide operating temperature range
        −40°C to +125°C for WB grade
        −40°C to +150°C for WH grade
    Excellent ac and dc performance
        ±1 mV voltage offset
        −5 ppm/°C typical gain drift
        80 dB CMRR minimum dc to 10 kHz
   
APPLICATIONS
    High-side current sensing
        Motor controls
        Solenoid controls
        Power management
    Low-side current sensing
    Diagnostic protection
   




Similar Part No. - AD8208WBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8208WBRZ-R7 AD-AD8208WBRZ-R7 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
More results


Similar Description - AD8208WBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8209A AD-AD8209A Datasheet
454Kb / 15P
High Voltage, Precision Difference Amplifier
11/2016-Rev. 0 to Rev. A
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com