Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM6000 Datasheet (PDF) - Analog Devices

ADUM6000 Datasheet PDF - Analog Devices
Part # ADUM6000
Download  ADUM6000 Download
File Size   401.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, 5 kV, DC-to-DC Converter

ADUM6000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6000 Datasheet PDF - Analog Devices

Part # ADUM6000
Download  ADUM6000 Click to download

File Size   401.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, 5 kV, DC-to-DC Converter

ADUM6000 Datasheet (HTML) - Analog Devices


ADUM6000 Product details

Digital isolators with iCoupler® technology enable designers to implement isolation in designs without the cost, size, power, performance, and reliability constraints found with optocouplers. iCoupler digital isolators also meet the wide range of creepage/clearance requirements and are the industry’s only digital isolators with certifed 8 mm creepage. With more than half a billion channels shipped into the feld, these magnetically isolated products meet the same rigid safety standards as optocouplers.

Portfolio Offerings
• Single and multichannel data isolators
• Digital isolators with isolated power: isoPower®
• USB isolators
• Isolated gate drivers
• I2C® digital isolators
• Isolated CAN transceivers
• Isolated RS-485 transceivers
• Isolated RS-232 transceivers
• Isolated Σ-∆ modulators

Wide Range of Applications
With over 750 million channels of isolation shipped into the feld, iCoupler digital isolators are used in applications such as:
• Medical devices
• Power supply/regulation systems
• Instrumentation devices
• Networking equipment
• Metering
• Battery charging systems
• Light and building controls
• Industrial process controls
• Motor drives
• Solar/wind energy
• Communications
• Industrial feld buses
• Automotive systems
• All iCoupler devices can undergo
   AEC-Q100 automotive qualifcation.
   Please contact your local sales
   representative for more information.




Similar Part No. - ADUM6000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6000 AD-ADUM6000 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
More results


Similar Description - ADUM6000

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA441-01 SSDI-SDA441-01 Datasheet
109Kb / 2P
5 kV DC - DC DUAL HIGH VOLTAGE CONVERTER
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
Isolated DC-to-DC Converter
REV. 0
ADUM5000ARWZ-RL AD-ADUM5000ARWZ-RL Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
REV. B
ADUM5000WARWZ AD-ADUM5000WARWZ Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
Isolated DC-to-DC Converter
logo
Analog Devices
ADUM6020 AD-ADUM6020 Datasheet
589Kb / 20P
Low Emission, 5 kV Isolated DC-to-DC Converters
12/2018-Rev. 0 to Rev. A
ADUM5000W AD-ADUM5000W Datasheet
331Kb / 15P
2.5 kV, Isolated DC-to-DC Converter
8/2016-Rev. 0 to Rev. A
ADUM5000 AD-ADUM5000_V01 Datasheet
334Kb / 16P
2.5 kV, Isolated DC-to-DC Converter
Rev. B
ADUM6020 AD-ADUM6020_V01 Datasheet
1Mb / 21P
Low Emission, 5 kV Isolated DC-to-DC Converters
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com