Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8258GE Datasheet (PDF) - Richtek Technology Corporation

RT8258GE Datasheet PDF - Richtek Technology Corporation
Part # RT8258GE
Download  RT8258GE Download
File Size   401.68 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Wide Operating Input Voltage Range : 4.5V to 24V

RT8258GE Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8258GE Datasheet PDF - Richtek Technology Corporation

Part # RT8258GE
Download  RT8258GE Click to download

File Size   401.68 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Wide Operating Input Voltage Range : 4.5V to 24V

RT8258GE Datasheet (HTML) - Richtek Technology Corporation


RT8258GE Product details

General Description

The RT8258 is a high voltage buck converter that can support the input voltage range from 4.5V to 24V and the output current can be up to 1.2A. Current Mode operation provides fast transient response and eases loop stabilization.

The chip also provides protection functions such as cycle by-cycle current limiting and thermal shutdown protection. The RT8258 is available in a SOT-23-6 and TSOT-23-6 packages.



Features

• Wide Operating Input Voltage Range : 4.5V to 24V

• Adjustable Output Voltage Range : 0.8V to 15V

• 1.2A Output Current

• 0.3Ω Internal Power MOSFET Switch

• High Efficiency up to 92%

• 700kHz Fixed Switching Frequency

• Stable with Low ESR Output Ceramic Capacitors

• Thermal Shutdown

• Cycle-By-Cycle Over Current Protection

• RoHS Compliant and Halogen Free



Applications

• Distributed Power Systems

• Battery Charger

• Pre-Regulator for Linear Regulators

• WLED Drivers



 




Similar Part No. - RT8258GE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8258GJ6 RICHTEK-RT8258GJ6 Datasheet
401Kb / 12P
1.2A, 24V, 700kHz Step-Down Converter
More results


Similar Description - RT8258GE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
4.5V to 36V Operating Voltage Range
Rev 0; 5/13
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
4.5V to 60V Input Voltage Range
Rev 1; 12/16
MAX17523EVKIT MAXIM-MAX17523EVKIT Datasheet
1Mb / 10P
4.5V to 36V Operating Voltage Range
Rev 0; 12/16
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
Wide 4.5V to 30V Operating input Range
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com