Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91M40807 Datasheet (PDF) - ATMEL Corporation

AT91M40807 Datasheet PDF - ATMEL Corporation
Part # AT91M40807
Download  AT91M40807 Download
File Size   1856.45 Kbytes
Page   153 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM짰 Thumb짰 Microcontrollers

AT91M40807 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT91M40807 Datasheet PDF - ATMEL Corporation

Part # AT91M40807
Download  AT91M40807 Click to download

File Size   1856.45 Kbytes
Page   153 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM짰 Thumb짰 Microcontrollers

AT91M40807 Datasheet (HTML) - ATMEL Corporation


AT91M40807 Product details

Description
The AT91M40800 microcontroller is a member of the Atmel AT91 16/32-bit microcontroller family, which is based on the ARM7TDMI processor core. This processor has a high-performance 32-bit RISC architecture with a high-density 16-bit instruction set and very low power consumption. In addition, a large number of internally banked registers result in very fast exception handling, making the device ideal for real-time control applications.

Features
• Incorporates the ARM7TDMI™ ARM Thumb Processor Core
   – High-performance 32-bit RISC Architecture
   – High-density 16-bit Instruction Set
   – Leader in MIPS/Watt
   – Embedded ICE (In-circuit Emulation)
• 8K Bytes On-chip SRAM
   – 32-bit Data Bus
   – Single-clock Cycle Access
• Fully-programmable External Bus Interface (EBI)
   – Maximum External Address Space of 64M Bytes
   – Up to 8 Chip Selects
   – Software Programmable 8/16-bit External Databus
• 8-level Priority, Individually Maskable, Vectored Interrupt Controller
   – 4 External Interrupts, Including a High-priority Low-latency Interrupt Request
• 32 Programmable I/O Lines
• 3-channel 16-bit Timer/Counter
   – 3 External Clock Inputs
   – 2 Multi-purpose I/O Pins per Channel
• 2 USARTs
   – 2 Dedicated Peripheral Data Controller (PDC) Channels per USART
• Programmable Watchdog Timer
• Advanced Power-saving Features
   – CPU and Peripheral Can Be Deactivated Individually
• Fully Static Operation:
   – 0 Hz to 40 MHz Internal Frequency Range at 3.0V, 85°C
• 1.8V to 3.6V Operating Range
• -40°C to +85°C Temperature Range
• Available in a 100-lead TQFP Package




Similar Part No. - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
218Kb / 19P
AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
ARM® Thumb® Microcontrollers
08/02
AT91M40807-33AI ATMEL-AT91M40807-33AI Datasheet
218Kb / 19P
AT91 ARM Thumb Microcontrollers
More results


Similar Description - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7S64 ATMEL-AT91SAM7S64 Datasheet
5Mb / 482P
AT91 ARM짰 Thumb짰-based Microcontrollers
AT91R40008 ATMEL-AT91R40008_02 Datasheet
160Kb / 19P
ARM짰 Thumb짰 Microcontrollers
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
502Kb / 42P
AT91 ARM짰 Thumb짰-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91R40807-33AU ATMEL-AT91R40807-33AU Datasheet
247Kb / 19P
ARM짰 Thumb짰 Microcontrollers
logo
Texas Instruments
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
AM1808 ARM짰 Microprocessor
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com