Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S051CISDX Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC101S051CISDX Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # ADC101S051CISDX
Download  ADC101S051CISDX Download
File Size   724.17 Kbytes
Page   16 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Single Channel, 200 to 500 ksps, 10-Bit A/D Converter

ADC101S051CISDX Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC101S051CISDX Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADC101S051CISDX
Download  ADC101S051CISDX Click to download

File Size   724.17 Kbytes
Page   16 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Single Channel, 200 to 500 ksps, 10-Bit A/D Converter

ADC101S051CISDX Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


ADC101S051CISDX Product details

General Description
The ADC101S051 is a low-power, single channel CMOS 10-bit analog-to-digital converter with a high-speed serial interface. Unlike the conventional practice of specifying performance at a single sample rate only, the ADC101S051 is fully specified over a sample rate range of 200 ksps to 500 ksps. The converter is based upon a successive approximation register architecture with an internal track and-hold circuit.
The output serial data is straight binary, and is compatible with several standards, such as SPI™, QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC101S051 operates with a single supply that can range from +2.7V to +5.25V. Normal power consumption using a +3.6V or +5.25V supply is 2.7 mW and 9.7 mW, respectively. The power-down feature reduces the power consumption to as low as 2.6 µW using a +5.25V supply.
The ADC101S051 is packaged in 6-lead LLP and SOT-23 packages. Operation over the industrial temperature range of −40˚C to +85˚C is guaranteed.

Features
■ Specified over a range of sample rates.
■ 6-lead LLP and SOT-23 packages
■ Variable power management
■ Single power supply with 2.7V - 5.25V range
■ SPI™/QSPI™/MICROWIRE/DSP compatible

Applications
■ Portable Systems
■ Remote Data Acquisition
■ Instrumentation and Control Systems




Similar Part No. - ADC101S051CISDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC101S051CISDX TI1-ADC101S051CISDX Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051CISDX/NOPB TI1-ADC101S051CISDX/NOPB Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051CISDX/NOPB TI1-ADC101S051CISDX/NOPB Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results


Similar Description - ADC101S051CISDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com