Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT46V64M8 Datasheet (PDF) - Micron Technology

MT46V64M8 Datasheet PDF - Micron Technology
Part # MT46V64M8
Download  MT46V64M8 Download
File Size   1661.63 Kbytes
Page   93 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 512Mb: x4, x8, x16 Double Data Rate SDRAM Features

MT46V64M8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT46V64M8 Datasheet PDF - Micron Technology

Part # MT46V64M8
Download  MT46V64M8 Click to download

File Size   1661.63 Kbytes
Page   93 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 512Mb: x4, x8, x16 Double Data Rate SDRAM Features

MT46V64M8 Datasheet (HTML) - Micron Technology


MT46V64M8 Product details

Functional Description
The DDR SDRAM uses a double data rate architecture to achieve high-speed operation. The double data rate architecture is essentially a 2n-prefetch architecture with an interface designed to transfer two data words per clock cycle at the I/O pins. A single read or write access for the DDR SDRAM effectively consists of a single 2n-bit-wide, one-clockcycle data transfer at the internal DRAM core and two corresponding n-bit-wide, onehalf-clock-cycle data transfers at the I/O pins.

Features
• VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V
• VDD = +2.6V ±0.1V, VDDQ = +2.6V ±0.1V (DDR400)
• Bidirectional data strobe (DQS) transmitted/
   received with data, i.e., source-synchronous data
   capture (x16 has two – one per byte)
• Internal, pipelined double-data-rate (DDR)
   architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; centeraligned with data for WRITEs
• DLL to align DQ and DQS transitions with CK
• Four internal banks for concurrent operation
• Data mask (DM) for masking write data
   (x16 has two – one per byte)
• Programmable burst lengths: 2, 4, or 8
• Auto refresh
   – 64ms, 8192-cycle(Commercial and industrial)
   – 16ms, 8192-cycle (Automotive)
• Self refresh (not available on AT devices)
• Longer-lead TSOP for improved reliability (OCPL)
• 2.5V I/O (SSTL_2 compatible)
• Concurrent auto precharge option is supported
• tRAS lockout supported (tRAP = tRCD)




Similar Part No. - MT46V64M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M8 MICRON-MT46V64M8 Datasheet
3Mb / 91P
512Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M8 MICRON-MT46V64M8 Datasheet
1Mb / 93P
512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V64M8TG-75 MICRON-MT46V64M8TG-75 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V64M8TG-75L MICRON-MT46V64M8TG-75L Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
More results


Similar Description - MT46V64M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
512Mb x4, x8, x16 SDRAM
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
256Mb: x4, x8, x16 SDRAM
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
2Gb: x4, x8, x16 DDR3 SDRAM Features
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
256Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
512Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
512Mb: x4, x8, x16 DDR2 SDRAM
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
2Gb: x4, x8, x16 DDR2 SDRAM Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com