Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M601 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-M601 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-M601
Download  HCPL-M601 Download
File Size   172.1 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers

HCPL-M601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-M601 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M601
Download  HCPL-M601 Click to download

File Size   172.1 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers

HCPL-M601 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-M601 Product details

Description
These small outline high CMR, high speed, logic gate opto coup lers are single channel devices in a five lead miniature foot print. They are electrically equivalent to the following Avago optocouplers (except there is no output enable feature):
The SO-5 JEDEC registered (MO-155) package outline does not require “through holes” in a PCB. This package occupies approximately one fourth the footprint area of the standard dual-in-line package. The lead profile is designed to be com patible with standard surface mount processes.
The HCPL-M600/01/11 optically coupled gates combine a GaAsP light emitting diode and an integrated high gain photon detector. The output of the detector I.C. is an Open-collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 5,000 V/μs for the HCPL-M601, and 10,000 V/μs for the HCPL-M611.

Features
• Surface Mountable
• Very Small, Low Profile JEDEC Registered Package Outline
• Compatible with Infrared Vapor Phase Reflow and Wave Soldering Processes
• Internal Shield for High Common Mode Rejection (CMR)
   HCPL-M601: 10,000 V/μs at VCM = 50 V
   HCPL-M611: 15,000 V/μs at VCM = 1000 V
• High Speed: 10 Mbd
• LSTTL/TTL Compatible
• Low Input Current Capability: 5 mA
• Guaranteed ac and dc Performance over Temperature: –40°C to 85°C
• Safety and regulatory approvals:
   - UL recognized: 3750 Vac for 1 min. per U.L. (File No. 55361)
   - CSA component acceptance Notice #5
   - IEC/EN/DIN EN 60747-5-2 approved for HCPL-M601/M611 Option 060.
• Lead Free Option

Applications
• Isolated Line Receiver
• Simplex/Multiplex Data Transmission
• Computer-Peripheral Interface
• Microprocessor System Interface
• Digital Isolation for A/D, D/A Conversion
• Switching Power Supply
• Instrument Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement




Similar Part No. - HCPL-M601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M601 HP-HCPL-M601 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M601 AVAGO-HCPL-M601 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601 AVAGO-HCPL-M601 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Similar Description - HCPL-M601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com