Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-W454 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-W454 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-W454
Download  ACPL-W454 Download
File Size   195.88 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6

ACPL-W454 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-W454 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W454
Download  ACPL-W454 Click to download

File Size   195.88 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6

ACPL-W454 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-W454 Product details

Description

The ACPL-W454/P454 is similar to Avago Technologies other high speed transistor output optocouplers, but with shorter propagation delays and higher CTR. The ACPL W454/P454 also has a guaranteed propagation delay difference (tPLH - tPHL). These features make the ACPL W454/P454 an excellent solution to IPM inverter dead time and other switching problems.



Features

• Package Clearance/Creepage at 8mm (ACPL-W454)

• Function Compatible with HCPL-4504

• Surface Mountable in 6-pin stretched SO6

• Short Propagation Delays for TTL and IPM Applications

• Very High Common Mode Transient Immunity: Guaran teed 15 kV/μs at VCM = 1500 V

• High CTR: >25% at 25°C

• Guaranteed Specifications for Common IPM Applications

• TTL Compatible

• Guaranteed AC and DC Performance Over Temperature: 0°C to 70°C

• Open Collector Output

• Safety approval

     UL Recognized 3750 Vrms for 1 minute (5000 Vrms for 1 minute under ACPL-W454 devices) per UL1577 CSA Approved

  IEC/EN/DIN EN 60747-5-2 Approved with VIORM = 1140 Vpeak (ACPL-W454) and VIORM = 891 Vpeak (ACPL-P454) for Option 060.

 

Applications

• Inverter Circuits and Intelligent Power Module (IPM) In terfacing – Shorter propagation delays and guaranteed (tPLH - tPHL) specifications.

• High Speed Logic Ground Isolation

   - TTL/TTL, TTL/LTTL, TTL/CMOS, TTL/LSTTL

• Line Receivers

   - High common mode transient immunity (>15 kV/μs for a TTL load/drive) and low input-output capacitance (0.6 pF).

• Replace Pulse Transformers

   - Save board space and weight

• Analog Signal Ground Isolation

   - Integrated photo detector provides improved linearity over phototransistors



 




Similar Part No. - ACPL-W454

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
279Kb / 13P
High CMR High-Speed Optocoupler
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results


Similar Description - ACPL-W454

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
High CMR, 1Mbit/s High Speed Optocoupler
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
High CMR High-Speed Optocoupler
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
High CMR, High-Speed TTL Compatible Optocoupler
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
High CMR, High-Speed TTL Compatible Optocoupler
logo
Skyworks Solutions Inc.
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com