Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643X Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-643X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-643X
Download  HCPL-643X Download
File Size   353.47 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity

HCPL-643X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-643X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-643X
Download  HCPL-643X Click to download

File Size   353.47 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity

HCPL-643X Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-643X Product details

Description
These units are single and dual channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appro priate DLA Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DLA Qualified Manufac turers List, QML-38534 for Hybrid Microcircuits.

Features
• Dual marked with device part number and DLA •tandard microcircuit drawing
• Manufactured and tested on a MIL-PRF-38534 certified line  QML-38534, Class H and K
• Three hermetically sealed package configurations
• Performance guaranteed over full military temperature range: -55° C to +125° C
• High Speed: 40 M bit/s
• High common mode rejection 500 V/μs guaranteed
• 1500 Vdc withstand test voltage
• Active (totem pole) outputs
• Three stage output available
• High radiation immunity
• HCPL-2400/30 function compatibility
• Reliability data
• Compatible with TTL, STTL, LSTTL, and HCMOS logic families

Applications
• Military and space
• High reliability systems
• Transportation, medical, and life critical systems
• Isolation of high speed logic systems
• Computer-peripheral interfaces
• Switching power supplies
• Isolated bus driver (networking applications) – (5400/1/K only)
• Pulse transformer replacement
• Ground loop elimination
• Harsh industrial environments
• High speed disk drive I/O
• Digital isolation for A/D, D/A conversion




Similar Part No. - HCPL-643X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-643X HP-HCPL-643X Datasheet
246Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-643x BOARDCOM-HCPL-643x Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Similar Description - HCPL-643X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
6N134 HP-6N134 Datasheet
259Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com