Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709BSL Datasheet (PDF) - NXP Semiconductors

2PB709BSL Datasheet PDF - NXP Semiconductors
Part # 2PB709BSL
Download  2PB709BSL Download
File Size   324.73 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V, 200 mA PNP general-purpose transistors

2PB709BSL Datasheet (PDF)

Go To PDF Page Download Datasheet
2PB709BSL Datasheet PDF - NXP Semiconductors

Part # 2PB709BSL
Download  2PB709BSL Click to download

File Size   324.73 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V, 200 mA PNP general-purpose transistors

2PB709BSL Datasheet (HTML) - NXP Semiconductors


2PB709BSL Product details

General description

PNP general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.



Collector current IC≤−200 mA

Two current gain selections

AEC-Q101 qualified

Small SMD plastic package




Similar Part No. - 2PB709BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709BSL NEXPERIA-2PB709BSL Datasheet
971Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
More results


Similar Description - 2PB709BSL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com