Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-48W-K Datasheet (PDF) - Lite-On Technology Corporation

A-48W-K Datasheet PDF - Lite-On Technology Corporation
Part # A-48W-K
Download  A-48W-K Download
File Size   690.14 Kbytes
Page   8 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING

A-48W-K Datasheet (PDF)

Go To PDF Page Download Datasheet
A-48W-K Datasheet PDF - Lite-On Technology Corporation

Part # A-48W-K
Download  A-48W-K Click to download

File Size   690.14 Kbytes
Page   8 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING

A-48W-K Datasheet (HTML) - Lite-On Technology Corporation


A-48W-K Product details

FEATURES
● Extremely low profile and light weight
  —Height: 5 mm
  —Weight: approximately 1.2 g
● Meet FCC (Part 68) standard
● Conforms to FCC rules and regulations part 68
  —Surge strength 1,500 V
● High reliability—bifurcated contacts
● Wide operating range
● DIL pitch terminals
● Plastic sealed type
● Latching version available
● RoHS compliant since date code: 0437B8
   Please see page 7 for more information




Similar Part No. - A-48W-K

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
A-48W-K FUJITSU-A-48W-K Datasheet
690Kb / 8P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Similar Description - A-48W-K

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com