Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS144H Datasheet (PDF) - Panasonic Semiconductor

ARS144H Datasheet PDF - Panasonic Semiconductor
Part # ARS144H
Download  ARS144H Download
File Size   375.13 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type

ARS144H Datasheet (PDF)

Go To PDF Page Download Datasheet
ARS144H Datasheet PDF - Panasonic Semiconductor

Part # ARS144H
Download  ARS144H Click to download

File Size   375.13 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type

ARS144H Datasheet (HTML) - Panasonic Semiconductor


ARS144H Product details

FEATURES
1. Super miniature design
    14 × 8.6 × 7.2 mm .551 × .339 × .283 inch
    (standard PC board terminal)
2. Lineup includes silent type. (75Ω type only)
    Operation noise (Unit: dB)
3. Excellent high frequency characteristics
4. Lineup includes surface-mount terminal type
    E and Y layouts available.
5. Lineup includes reversed contact type
    Great design freedom is possible using reversed contact type in which the positions of the N.O. and N.C. contacts are switched.

TYPICAL APPLICATIONS
1. Broadcasting and video equipment markets
    • Digital broadcasting equipment
    • STB/tuner, etc.
2. Mobile phone base stations
3. Communications market
    • Antenna switching
    • All types of wireless devices
4. Measurement equipment market
    • Spectrum analyzer and oscilloscope, etc.




Similar Part No. - ARS144H

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS144469 GLAMOX-ARS144469 Datasheet
283Kb / 3P
ARIS-W SINGLE WH E1/WR-ST-ST LO SIGN
ARS144470 GLAMOX-ARS144470 Datasheet
286Kb / 3P
ARIS-S DOUBLE WH E1/WR-ST-ST LO SIGN
More results


Similar Description - ARS144H

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
2.6 GHz SMALL MICROWAVE RELAYS
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
Miniature size Lineup includes 50/75 type
logo
DDK Ltd.
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
75 廓 SSMB Type Connectors
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com