Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100VDT6BTR Datasheet (PDF) - STMicroelectronics

STM32F100VDT6BTR Datasheet PDF - STMicroelectronics
Part # STM32F100VDT6BTR
Download  STM32F100VDT6BTR Download
File Size   1231.62 Kbytes
Page   98 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-density value line, advanced ARM-based 32-bit MCU

STM32F100VDT6BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F100VDT6BTR Datasheet PDF - STMicroelectronics

Part # STM32F100VDT6BTR
Download  STM32F100VDT6BTR Click to download

File Size   1231.62 Kbytes
Page   98 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-density value line, advanced ARM-based 32-bit MCU

STM32F100VDT6BTR Datasheet (HTML) - STMicroelectronics


STM32F100VDT6BTR Product details

Description
The STM32F100xx value line family incorporates the high-performance ARM Cortex™-M3 32-bit RISC core operating at a 24 MHz frequency, high-speed embedded memories (Flash memory up to 512 Kbytes and SRAM up to 32 Kbytes), a flexible static memory control (FSMC) interface (for devices offered in packages of 100 pins and more) and an extensive range of enhanced peripherals and I/Os connected to two APB buses. All devices offer standard communication interfaces (up to two I2Cs, three SPIs, one HDMI CEC, up to three USARTs and 2 UARTS), one 12-bit ADC, two 12-bit DACs, up to 9 general-purpose 16-bit timers and an advanced-control PWM timer.
The STM32F100xx high-density value line family operates in the –40 to +85 °C and –40 to +105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F100xx value line family includes devices in three different packages ranging from 64 pins to 144 pins. Depending on the device chosen, different sets of peripherals are included, the description below gives an overview of the complete range of peripherals proposed in this family.
These features make the STM32F100xx value line microcontroller family suitable for a wide range of applications such as motor drives, application control, medical and handheld equipment, PC and gaming peripherals, GPS platforms, industrial applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms, and HVACs.

Features
■ Core: ARM 32-bit Cortex™-M3 CPU
   – 24 MHz maximum frequency, 1.25 DMIPS /MHz (Dhrystone 2.1) performance
   – Single-cycle multiplication and hardware division
■ Memories
   – 256 to 512 Kbytes of Flash memory
   – 24 to 32 Kbytes of SRAM
   – Flexible static memory controller with 4 Chip Selects. Supports SRAM, PSRAM and NOR memories
   – LCD parallel interface, 8080/6800 modes
■ Clock, reset and supply management
   – 2.0 to 3.6 V application supply and I/Os
   – POR, PDR and programmable voltage detector (PVD)
   – 4-to-24 MHz crystal oscillator
   – Internal 8 MHz factory-trimmed RC
   – Internal 40 kHz RC
   – PLL for CPU clock
   – 32 kHz oscillator for RTC with calibration
■ Low power
   – Sleep, Stop and Standby modes
   – VBAT supply for RTC and backup registers
■ Serial wire debug (SWD) and JTAG I/F
■ DMA
   – 12-channel DMA controller
   – Peripherals supported: timers, ADC, SPIs, I2Cs, USARTs and DACs
■ 1 × 12-bit, 1.2 µs A/D converter (up to 16 ch.)
   – Conversion range: 0 to 3.6 V
   – Temperature sensor
■ 2 × 12-bit D/A converters
■ Up to 112 fast I/O ports
   – 51/80/112 I/Os, all mappable on 16 external interrupt vectors and almost all 5 V-tolerant
■ Up to 16 timers
   – Up to seven 16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
   – One 16-bit, 6-channel advanced-control timer: up to 6 channels for PWM output, dead time generation and emergency stop
   – One 16-bit timer, with 2 IC/OC, 1 OCN/PWM, dead-time generation and emergency stop
   – Two 16-bit timers, each with IC/OC/OCN/PWM, dead-time generation and emergency stop
   – Two watchdog timers
   – SysTick timer: 24-bit downcounter
   – Two 16-bit basic timers to drive the DAC
■ Up to 11 communications interfaces
   – Up to two I2C interfaces (SMBus/PMBus)
   – Up to 3 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
   – Up to 2 UARTs
   – Up to 3 SPIs (12 Mbit/s)
   – Consumer electronics control (CEC) I/F
■ CRC calculation unit, 96-bit unique ID




Similar Part No. - STM32F100VDT6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100VD STMICROELECTRONICS-STM32F100VD Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
More results


Similar Description - STM32F100VDT6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
26-Feb-2010
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com