Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22293Z Datasheet (PDF) - Analog Devices

AD22293Z Datasheet PDF - Analog Devices
Part # AD22293Z
Download  AD22293Z Download
File Size   618.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer

AD22293Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22293Z Datasheet PDF - Analog Devices

Part # AD22293Z
Download  AD22293Z Click to download

File Size   618.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer

AD22293Z Datasheet (HTML) - Analog Devices


AD22293Z Product details

GENERAL DESCRIPTION

The ADXL103/ADXL203 are high precision, low power, complete single- and dual-axis accelerometers with signal conditioned voltage outputs, all on a single, monolithic IC. The ADXL103/ADXL203 measure acceleration with a full-scale range of ±1.7 g, ±5 g, or ±18 g. The ADXL103/ADXL203 can measure both

dynamic acceleration (for example, vibration) and static acceleration (for example, gravity). The typical noise floor is 110 µg/√Hz, allowing signals below 1 mg (0.06° of inclination) to be resolved in tilt sensing applications using narrow bandwidths (<60 Hz).



FEATURES

High performance, single-/dual-axis accelerometer on a single IC chip

5 mm × 5 mm × 2 mm LCC package

1 mg resolution at 60 Hz

Low power: 700 µA at VS = 5 V (typical)

High zero g bias stability

High sensitivity accuracy

−40°C to +125°C temperature range

X and Y axes aligned to within 0.1° (typical)

Bandwidth adjustment with a single capacitor

Single-supply operation

3500 g shock survival

RoHS compliant

Compatible with Sn/Pb- and Pb-free solder processes

Qualified for automotive applications



APPLICATIONS

Vehicle dynamic controls

Electronic chassis controls

Platform stabilization/leveling

Navigation

Alarms and motion detectors

High accuracy, 2-axis tilt sensing

Vibration monitoring and compensation

Abuse event detection




Similar Part No. - AD22293Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22293ZA AD-AD22293ZA Datasheet
618Kb / 16P
Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results


Similar Description - AD22293Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
Dual-Axis 짹1.7 g Accelerometer with SPI Interface
10/05-Revision 0
logo
Freescale Semiconductor...
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com