Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8402AN10 Datasheet (PDF) - Analog Devices

AD8402AN10 Datasheet PDF - Analog Devices
Part # AD8402AN10
Download  AD8402AN10 Download
File Size   610.21 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-/2-/4-Channel Digital Potentiometers

AD8402AN10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8402AN10 Datasheet PDF - Analog Devices

Part # AD8402AN10
Download  AD8402AN10 Click to download

File Size   610.21 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-/2-/4-Channel Digital Potentiometers

AD8402AN10 Datasheet (HTML) - Analog Devices


AD8402AN10 Product details

GENERAL DESCRIPTION

The AD8400/AD8402/AD8403 provide a single-, dual-, or quad-channel, 256-position, digitally controlled variable resistor (VR) device.1 These devices perform the same electronic adjustment function as a mechanical potentiometer or variable resistor. The AD8400 contains a single variable resistor in the compact SOIC-8 package.



FEATURES

256-position variable resistance device

Replaces 1, 2, or 4 potentiometers

1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ

Power shutdown—less than 5 μA

3-wire,SPI-compatible serial data input

10 MHz update data loading rate

2.7 V to 5.5 V single-supply operation

Qualified for automotive applications



APPLICATIONS

Mechanical potentiometer replacement

Programmable filters, delays, time constants

Volume control, panning

Line impedance matching

Power supply adjustment




Similar Part No. - AD8402AN10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8402AN10 AD-AD8402AN10 Datasheet
496Kb / 20P
1-/2-/4-Channel Digital Potentiometers
REV.B
AD8402AN10 AD-AD8402AN10 Datasheet
610Kb / 32P
1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402AN100 AD-AD8402AN100 Datasheet
496Kb / 20P
1-/2-/4-Channel Digital Potentiometers
REV.B
More results


Similar Description - AD8402AN10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5204 AD-AD5204 Datasheet
173Kb / 11P
4-/6-Channel Digital Potentiometers
REV.0
AD5260 AD-AD5260 Datasheet
859Kb / 20P
1-/2-Channel 15 V Digital Potentiometers
AD8400 AD-AD8400 Datasheet
496Kb / 20P
1-/2-/4-Channel Digital Potentiometers
REV.B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
4-/6-Channel Digital Potentiometers
REV. C
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
4-/6-Channel Digital Potentiometers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com