Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG428BN Datasheet (PDF) - Analog Devices

ADG428BN Datasheet PDF - Analog Devices
Part # ADG428BN
Download  ADG428BN Download
File Size   165.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers

ADG428BN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG428BN Datasheet PDF - Analog Devices

Part # ADG428BN
Download  ADG428BN Click to download

File Size   165.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers

ADG428BN Datasheet (HTML) - Analog Devices


ADG428BN Product details

GENERAL DESCRIPTION
The ADG428 and ADG429 are monolithic CMOS analog multiplexers comprising eight single channels and four differential channels respectively. On-chip address and control latches facilitate microprocessor interfacing. The ADG428 switches one of eight inputs to a common output as determined by the 3-bit binary address lines A0, A1 and A2. The ADG429 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device.
   
FEATURES
    44 V Supply Maximum Ratings
    VSS to VDD Analog Signal Range
    Low On Resistance (60 Ω typ)
    Low Power Consumption (1.6 mW max)
    Low Charge Injection (<4 pC typ)
    Fast Switching
    Break-Before-Make Switching Action
    Plug-In Replacement for DG428/DG429
   
APPLICATIONS
    Automatic Test Equipment
    Data Acquisition Systems
    Communication Systems
    Avionics and Military Systems
    Microprocessor Controlled Analog Systems
    Medical Instrumentation
   




Similar Part No. - ADG428BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BN AD-ADG428BN Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
More results


Similar Description - ADG428BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG406 AD-ADG406 Datasheet
378Kb / 12P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV.0
ADG408 AD-ADG408 Datasheet
223Kb / 11P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV.A
ADG428 AD-ADG428 Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com