Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG441BN Datasheet (PDF) - Analog Devices

ADG441BN Datasheet PDF - Analog Devices
Part # ADG441BN
Download  ADG441BN Download
File Size   394.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Quad SPST Switches ADG441/ADG442/ADG444

ADG441BN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG441BN Datasheet PDF - Analog Devices

Part # ADG441BN
Download  ADG441BN Click to download

File Size   394.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Quad SPST Switches ADG441/ADG442/ADG444

ADG441BN Datasheet (HTML) - Analog Devices


ADG441BN Product details

GENERAL DESCRIPTION
The ADG441, ADG442, and ADG444 are monolithic CMOS devices that comprise of four independently selectable switches. They are designed on an enhanced LC2MOS process that provides low power dissipation yet gives high switching speed and low on resistance.
   
FEATURES
    44 V supply maximum ratings
    VSS to VDD analog signal range
    Low on resistance (<70 Ω)
    Low ∆RON (9 Ω max)
    Low RON match (3 Ω max)
    Low power dissipation
    Fast switching times
        tON < 110 ns
        tOFF < 60 ns
    Low leakage currents (3 nA max)
    Low charge injection (6 pC max)
    Break-before-make switching action
    Latch-up proof A grade
    Plug-in upgrade for DG201A/ADG201A, DG202A/ADG202A,
        DG211/ADG211A
    Plug-in replacement for DG441/DG442/DG444
   
APPLICATIONS
    Audio and video switching
    Automatic test equipment
    Precision data acquisition
    Battery-powered systems
    Sample-and-hold systems
    Communication systems
   




Similar Part No. - ADG441BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG441BN AD-ADG441BN Datasheet
323Kb / 9P
LC2MOS Quad SPST Switches
REV.0
More results


Similar Description - ADG441BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG211A AD-ADG211A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG441 AD-ADG441 Datasheet
323Kb / 9P
LC2MOS Quad SPST Switches
REV.0
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com