Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7091 Datasheet (PDF) - Analog Devices

AD7091 Datasheet PDF - Analog Devices
Part # AD7091
Download  AD7091 Download
File Size   448.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP

AD7091 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7091 Datasheet PDF - Analog Devices

Part # AD7091
Download  AD7091 Click to download

File Size   448.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP

AD7091 Datasheet (HTML) - Analog Devices


AD7091 Product details

GENERAL DESCRIPTION
The AD7091 is a 12-bit successive approximation register analog-to-digital converter (SAR ADC) that offers ultralow power consumption (typically 367 µA at 3 V and 1 MSPS) while achieving fast throughput rates (1 MSPS with a 50 MHz SCLK). The AD7091 operates from a single 2.09 V to 5.25 V power supply. The AD7091 also features an on-chip conversion clock and a high speed serial interface.

FEATURES
   Fast throughput rate of 1 MSPS
   Specified for VDD of 2.09 V to 5.25 V
   INL of ±1 LSB maximum
   Analog input range of 0 V to VDD
   Ultralow power
      367 µA typical at 3 V and 1 MSPS
      324 nA typical at 3 V in power-down mode
   Reference provided by VDD
   Flexible power/throughput rate management
   High speed serial interface: SPI®-/QSPI™-/MICROWIRE®-/
      DSP-compatible
   Busy indicator
   Power-down mode
   8-lead, 2 mm × 2 mm LFCSP package
   Temperature range: −40°C to +125°C
  
APPLICATIONS
   Battery-powered systems
      Handheld meters
      Medical instruments
      Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions
   Energy harvesting




Similar Part No. - AD7091

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
376Kb / 8P
EVALUATION AND DESIGN SUPPORT
Rev. 0
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7091R-2 AD-AD7091R-2 Datasheet
1Mb / 39P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Rev. D
More results


Similar Description - AD7091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
REV. 0
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
02-Nov-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com