Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8232 Datasheet (PDF) - Analog Devices

AD8232 Datasheet PDF - Analog Devices
Part # AD8232
Download  AD8232 Download
File Size   652.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Lead, Heart Rate Monitor Front End

AD8232 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8232 Datasheet PDF - Analog Devices

Part # AD8232
Download  AD8232 Click to download

File Size   652.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Lead, Heart Rate Monitor Front End

AD8232 Datasheet (HTML) - Analog Devices


AD8232 Product details

GENERAL DESCRIPTION

The AD8232 is an integrated signal conditioning block for ECG and other biopotential measurement applications. It is designed to extract, amplify, and filter small biopotential signals in the presence of noisy conditions, such as those created by motion or remote electrode placement. This design allows for an ultralow power analog-to-digital converter (ADC) or an embedded microcontroller to acquire the output signal easily.



FEATURES

Fully integrated single-lead ECG front end

Low supply current: 170 µA (typical)

Common-mode rejection ratio: 80 dB (dc to 60 Hz)

Two or three electrode configurations

High signal gain (G = 100) with dc blocking capabilities

2-pole adjustable high-pass filter

Accepts up to ±300 mV of half cell potential

Fast restore feature improves filter settling

Uncommitted op amp

3-pole adjustable low-pass filter with adjustable gain

Leads off detection: ac or dc options

Integrated right leg drive (RLD) amplifier

Single-supply operation: 2.0 V to 3.5 V

Integrated reference buffer generates virtual ground

Rail-to-rail output

Internal RFI filter

8 kV HBM ESD rating

Shutdown pin

20-lead 4 mm × 4 mm LFCSP package



APPLICATIONS

Fitness and activity heart rate monitors

Portable ECG

Remote health monitors

Gaming peripherals

Biopotential signal acquisition

 




Similar Part No. - AD8232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8232 AD-AD8232 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232 AD-AD8232 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
AD8232-EVALZ AD-AD8232-EVALZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232-EVALZ AD-AD8232-EVALZ Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
More results


Similar Description - AD8232

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LNDSP16-3A LINEAR_DIMENSIONS-LNDSP16-3A Datasheet
151Kb / 1P
Portable Three Terminal Heart Rate Monitor
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Pixart Imaging Inc.
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Analog Devices
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
Optical Sensor for Heart Rate Monitor
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
Optical Sensor for Heart Rate Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com