Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR291ERZ Datasheet (PDF) - Analog Devices

ADR291ERZ Datasheet PDF - Analog Devices
Part # ADR291ERZ
Download  ADR291ERZ Download
File Size   348.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References

ADR291ERZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR291ERZ Datasheet PDF - Analog Devices

Part # ADR291ERZ
Download  ADR291ERZ Click to download

File Size   348.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References

ADR291ERZ Datasheet (HTML) - Analog Devices


ADR291ERZ Product details

GENERAL DESCRIPTION

The ADR291 and ADR292 are low noise, micropower precision voltage references that use an XFET® reference circuit. The new XFET architecture offers significant performance improvements over traditional band gap and buried Zener-based references. Improvements include one quarter the voltage noise output of band gap references operating at the same current, very low and ultralinear temperature drift, low thermal hysteresis, and excellent long-term stability.

The ADR291/ADR292 family is a series of voltage references providing stable and accurate output voltages from supplies as low as 2.8 V for the ADR291. Output voltage options are 2.5 V and 4.096 V for the ADR291 and ADR292, respectively.



FEATURES

  Supply range

     2.8 V to 15 V, ADR291

     4.4 V to 15 V, ADR292

  Supply current: 15 μA maximum

  Low noise: 8 μV and 12 μV p-p (0.1 Hz to 10 Hz)

  High output current: 5 mA

  Temperature range: −40°C to +125°C

  Pin-compatible with REF02/REF19x



APPLICATIONS

  Portable instrumentation

  Precision reference for 3 V and 5 V systems

  Analog-to-digital and digital-to-analog converter reference

  Solar-powered applications

  Loop-current-powered instruments



 




Similar Part No. - ADR291ERZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR291ER AD-ADR291ER Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR291ER-REEL AD-ADR291ER-REEL Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR291ER-REEL7 AD-ADR291ER-REEL7 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR291ER-RELL AD-ADR291ER-RELL Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
More results


Similar Description - ADR291ERZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
AD1582 AD-AD1582 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com