Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2908993 Datasheet (PDF) - PHOENIX CONTACT

2908993 Datasheet PDF - PHOENIX CONTACT
Part # 2908993
Download  2908993 Download
File Size   76.05 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering

2908993 Datasheet (PDF)

Go To PDF Page Download Datasheet
2908993 Datasheet PDF - PHOENIX CONTACT

Part # 2908993
Download  2908993 Click to download

File Size   76.05 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering

2908993 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2908993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908903 PHOENIX-2908903 Datasheet
158Kb / 10P
Front adapters - VIP-PA-PWR/40XOE/HF/ 8,0M/S7
10/28/2020
2908905 PHOENIX-2908905 Datasheet
158Kb / 10P
Front adapters - VIP-PA-PWR/40XOE/HF/ 4,0M/S7
10/28/2020
2908907 PHOENIX-2908907 Datasheet
159Kb / 10P
Front adapters - VIP-PA-PWR/40XOE/HF/ 3,0M/S7
10/28/2020
2908909 PHOENIX-2908909 Datasheet
158Kb / 10P
Front adapters - VIP-PA-PWR/40XOE/HF/ 1,0M/S7
10/28/2020
2908911 PHOENIX-2908911 Datasheet
157Kb / 10P
Front adapters - VIP-PA-PWR/20XOE/HF/ 8,0M/S7
10/28/2020
More results


Similar Description - 2908993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLH5 PHOENIX-PLH5 Datasheet
165Kb / 6P
PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
logo
Recom International Pow...
RAZ-0505S RECOM-RAZ-0505S Datasheet
107Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
PHOENIX CONTACT
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
85366990 PHOENIX-85366990 Datasheet
129Kb / 8P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com